Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2701009 Datasheet (PDF) - PHOENIX CONTACT

2701009 Datasheet PDF - PHOENIX CONTACT
Part # 2701009
Download  2701009 Download
File Size   491.89 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - IB IL 24 DO 4/EF-PAC

2701009 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701009 Datasheet PDF - PHOENIX CONTACT

Part # 2701009
Download  2701009 Click to download

File Size   491.89 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - IB IL 24 DO 4/EF-PAC

2701009 Datasheet (HTML) - PHOENIX CONTACT


2701009 Product details

Inline, Digital output terminal, Digital outputs: 4, 24 V DC, connection technology: 3-conductor,
transmission speed in the local bus: 500 kbps, degree of protection: IP20, including Inline
connector and labeling field

Product Description
The terminal is designed for use within an Inline station. It is used to output digital signals.

Your advantages
• 4 digital outputs
• Connection of actuators in 2- and 3-conductor technology
• Nominal current per output: 500 mA
• Total current of the terminal: 2 A
• Short-circuit and overload-protected outputs
• Approved for use in a safety-related segment circuit




Similar Part No. - 2701009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701000 PHOENIX-2701000 Datasheet
403Kb / 10P
Temperature module - IB IL TEMP 8 UTH/RTD-PAC
Dec 9, 2022
More results


Similar Description - 2701009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861276 PHOENIX-2861276 Datasheet
179Kb / 6P
IB IL 24 DO 4-PAC
2861289 PHOENIX-2861289 Datasheet
194Kb / 6P
IB IL 24 DO 8-PAC
2861470 PHOENIX-2861470 Datasheet
192Kb / 6P
IB IL 24 DO 2-PAC
2861496 PHOENIX-2861496 Datasheet
169Kb / 6P
IB IL 24 DO 2-NPN-PAC
2861603 PHOENIX-2861603 Datasheet
187Kb / 6P
IB IL 24 DO 8-2A-PAC
2861687 PHOENIX-2861687 Datasheet
142Kb / 5P
IB IL 24 DO 8-2MBD-PAC
2861988 PHOENIX-2861988 Datasheet
110Kb / 5P
IB IL 24 DO 4-2MBD-PAC
2863546 PHOENIX-2863546 Datasheet
175Kb / 5P
IB IL 24 DO 8-NPN-PAC
2878641 PHOENIX-2878641 Datasheet
134Kb / 5P
IB IL AI 4/EF-2MBD-PAC
106145 PHOENIX-106145 Datasheet
171Kb / 8P
IB IL 24 DO 2-2A-XC-PAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com