Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43 Datasheet (PDF) - List of Unclassifed Manufacturers

TPS43 Datasheet PDF - List of Unclassifed Manufacturers
Part # TPS43
Download  TPS43 Download
File Size   418.54 Kbytes
Page   11 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description ProxSense® Standard Trackpad Module Datasheet

TPS43 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS43 Datasheet PDF - List of Unclassifed Manufacturers

Part # TPS43
Download  TPS43 Click to download

File Size   418.54 Kbytes
Page   11 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description ProxSense® Standard Trackpad Module Datasheet

TPS43 Datasheet (HTML) - List of Unclassifed Manufacturers


TPS43 Product details

Features
- Trackpad with on chip XY coordinate calculation
- 3072 x 2048 resolution (TPS65)
- 100Hz report rate
- Adjustable Sensitivity
- Proximity wake up from low power
- Automatic drift compensation
- 1 & 2 Finger Gesture Detection
- Swipe
- Tap
- Pinch / Zoom
- Gesture with Hold
- Fast I2C Interface
- Optional Snap Overlay
- Low Power, suitable for battery applications
- Supply voltage: 1.65V to 3.6V
- <40μA active sensing LP mode
- I2C interface to BlueTooth SoC

Applications
- Micro Projectors
- Remote Controls
- Printers & White Goods
- Mechanical Push Button Replacement




Similar Part No. - TPS43

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
TPS43000 TI1-TPS43000 Datasheet
766Kb / 31P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
TPS43000 TI-TPS43000 Datasheet
752Kb / 32P
MULTI-TOPOLOGY HIGH-FREQUENCY
TPS43000 TI2-TPS43000 Datasheet
607Kb / 33P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
OCTOBER 2001
TPS43000PW TI1-TPS43000PW Datasheet
766Kb / 31P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
More results


Similar Description - TPS43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZM3102AU-CME1 ETC1-ZM3102AU-CME1 Datasheet
247Kb / 17P
ZM3102N Z-Wave Module Datasheet
IQS133 ETC2-IQS133 Datasheet
458Kb / 24P
IQ Switch - ProxSense Series
IQS316EV01 ETC2-IQS316EV01 Datasheet
4Mb / 9P
IQ Switch - ProxSense Series
IQS525-TP43L ETC2-IQS525-TP43L Datasheet
585Kb / 2P
Trackpad Module
IQS550 ETC2-IQS550 Datasheet
4Mb / 80P
Capacitive Trackpad/Touchscreen Controller
logo
Knowles Electronics
P21BN300X5S KNOWLES-P21BN300X5S Datasheet
1Mb / 2P
MILLI-CAP® BROADBAND DATASHEET – BNL VERSION
2020
logo
List of Unclassifed Man...
ORG4400 ETC-ORG4400 Datasheet
1Mb / 36P
GPS RECEIVER MODULE DATASHEET
Revision 1.0 March 10, 2015
logo
Intel Corporation
10M50DCF256I7G INTEL-10M50DCF256I7G Datasheet
737Kb / 72P
Intel® MAX® 10 FPGA Device Datasheet
2020.06.30
C10GX51002 INTEL-C10GX51002 Datasheet
666Kb / 62P
Intel® Cyclone® 10 GX Device Datasheet
2022.02.14
logo
RAKwireless Technology ...
RAK3172 RAK-RAK3172 Datasheet
2Mb / 9P
RAK3172 WisDuo LPWAN Module Datasheet
10/10/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com