Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4106 Datasheet (PDF) - Toshiba Semiconductor

K4106 Datasheet PDF - Toshiba Semiconductor
Part # K4106
Download  K4106 Download
File Size   181.8 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)

K4106 Datasheet (PDF)

Go To PDF Page Download Datasheet
K4106 Datasheet PDF - Toshiba Semiconductor

Part # K4106
Download  K4106 Click to download

File Size   181.8 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)

K4106 Datasheet (HTML) - Toshiba Semiconductor


K4106 Product details

Switching Regulator Applications
• Low drain-source ON resistance: RDS (ON) = 0.4 Ω (typ.)
• High forward transfer admittance: |Yfs| = 8.5 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 500 V)
• Enhancement mode: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - K4106

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K410-222 EICHHOFF-K410-222 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K410-247 EICHHOFF-K410-247 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K410-315 EICHHOFF-K410-315 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K410-322 EICHHOFF-K410-322 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K410-327 EICHHOFF-K410-327 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
More results


Similar Description - K4106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8002 TOSHIBA-TPC8002 Datasheet
514Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSVI)
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
20-Feb-2003
2SK3125 TOSHIBA-2SK3125 Datasheet
226Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
23-Aug-2002
2SK3934 TOSHIBA-2SK3934 Datasheet
75Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSVI)
2SK3561 TOSHIBA-2SK3561 Datasheet
227Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSVI)
2SK3567 TOSHIBA-2SK3567 Datasheet
94Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
15-Apr-2003
2SK3569 TOSHIBA-2SK3569 Datasheet
150Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
04-Mar-2004
2SK3565 TOSHIBA-2SK3565_V01 Datasheet
218Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type, π-MOSIV
2013-11-01
K4110 TOSHIBA-K4110 Datasheet
199Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)
2009-09-29
K8A55DA TOSHIBA-K8A55DA Datasheet
297Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSⅦ)
2013-11-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com