Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1414300 Datasheet (PDF) - List of Unclassifed Manufacturers

1414300 Datasheet PDF - List of Unclassifed Manufacturers
Part # 1414300
Download  1414300 Download
File Size   414.39 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 115 Amps 600 Volts AC/DC

1414300 Datasheet (PDF)

Go To PDF Page Download Datasheet
1414300 Datasheet PDF - List of Unclassifed Manufacturers

Part # 1414300
Download  1414300 Click to download

File Size   414.39 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 115 Amps 600 Volts AC/DC

1414300 Datasheet (HTML) - List of Unclassifed Manufacturers


1414300 Product details

Wire Range
• Line: (1) #2-#14 AWG
• Load: (1) #2-#14 AWG
Electrical Ratings
• 115 Amps
• 600V per UL 1059 & CSA 22.2 No.158, class B & C requirements
• Short circuit current ratings (SCCR): See SCCR section below for specifications.
• CU7AL - 75°C connector terminal rating with copper or aluminum wire
• Factory & Field Wiring
Agency Compliance
• UR - UL Recognized Terminal Block, Evaluated to UL 1059, File No.XCFR2.E62806
• CSA - certifed to C22.2 No. 158, File No. LR19766 (wire classes B & C only)
• CE compliant to IEC 60947-7-1
Material Information
• Insulator base:
• Thermoplastic
• Flammability rating of insulator base UL94V0
• Insulator base temperature rating: -40°C to 125°C (UL RTI)
• Connector: aluminum, tin plated
• Terminal screws: steel, nickel plated
• Connector mounting screws: steel, zinc plated
• RoHS compliant




Similar Part No. - 1414300

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414321 PHOENIX-1414321 Datasheet
344Kb / 10P
NBC-R4AC-R4MC-IE8A/.../... - Network cable
1414322 PHOENIX-1414322 Datasheet
346Kb / 10P
NBC-R4MC-R4MC-IE8A/.../... - Network cable
1414323 PHOENIX-1414323 Datasheet
338Kb / 11P
NBC-R4RC-R4RC-IE8A/.../... - Network cable
1414324 PHOENIX-1414324 Datasheet
336Kb / 10P
NBC-R4QC-R4QC-IE8A/.../... - Network cable
1414326 PHOENIX-1414326 Datasheet
370Kb / 11P
PV-FT-CF-C-2,5-130-RD - Device connector front mounting
More results


Similar Description - 1414300

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
141X200 MARATHON-141X200 Datasheet
400Kb / 3P
115 Amps 600 Volts AC/DC
REV-B 12/16/16
141X201 MARATHON-141X201 Datasheet
388Kb / 3P
115 Amps 600 Volts AC/DC
REV-C 12/16/16
141X202 MARATHON-141X202 Datasheet
333Kb / 3P
115 Amps 600 Volts AC/DC
REV-D 12/11/17
141X203 MARATHON-141X203 Datasheet
398Kb / 3P
115 Amps 600 Volts AC/DC
REV-E 12/16/16
141X205 MARATHON-141X205 Datasheet
391Kb / 3P
115 Amps 600 Volts AC/DC
REV-C 12/16/16
141X300 MARATHON-141X300 Datasheet
414Kb / 4P
115 Amps 600 Volts AC/DC
141X301 MARATHON-141X301 Datasheet
408Kb / 3P
115 Amps 600 Volts AC/DC
REV-C 12/16/16
141X400 MARATHON-141X400 Datasheet
533Kb / 4P
115 Amps 600 Volts AC/DC
08/02/21
EPBAD21 MARATHON-EPBAD21 Datasheet
166Kb / 4P
115 Amps 600 Volts AC/DC
REV-H 12/19/17
EPBAD24 MARATHON-EPBAD24 Datasheet
151Kb / 5P
115 Amps 600 Volts AC/DC
REV-H 12/19/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com