Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM0310SL Datasheet (PDF) - CET-MOS Technology Corp.

CEM0310SL Datasheet PDF - CET-MOS Technology Corp.
Part # CEM0310SL
Download  CEM0310SL Download
File Size   468.14 Kbytes
Page   5 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description Single N-Channel Enhancement Mode Field Effect Transistor

CEM0310SL Datasheet (PDF)

Go To PDF Page Download Datasheet
CEM0310SL Datasheet PDF - CET-MOS Technology Corp.

Part # CEM0310SL
Download  CEM0310SL Click to download

File Size   468.14 Kbytes
Page   5 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description Single N-Channel Enhancement Mode Field Effect Transistor

CEM0310SL Datasheet (HTML) - CET-MOS Technology Corp.


CEM0310SL Product details

FEATURES
100V, 2.6A, RDS(ON) = 180mW @VGS = 10V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
Surface mount Package.
RoHS compliant.
RDS(ON) = 190mW @VGS = 5V.
RDS(ON) = 220mW @VGS = 3V.




Similar Part No. - CEM0310SL

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM0310 CET-CEM0310 Datasheet
751Kb / 4P
Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM0310 CET-MOS-CEM0310 Datasheet
418Kb / 4P
Single N-Channel Enhancement Mode Field Effect Transistor
Rev 1.
More results


Similar Description - CEM0310SL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8410 FAIRCHILD-NDS8410 Datasheet
265Kb / 10P
Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410A FAIRCHILD-NDS8410A Datasheet
265Kb / 10P
Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410S FAIRCHILD-NDS8410S Datasheet
264Kb / 10P
Single N-Channel Enhancement Mode Field Effect Transistor
NDS8426 FAIRCHILD-NDS8426 Datasheet
266Kb / 10P
Single N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN5L06 DIODES-DMN5L06 Datasheet
131Kb / 4P
SINGLE N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30614 Rev. 3 - 2
logo
Chino-Excel Technology
CEM0310 CET-CEM0310 Datasheet
751Kb / 4P
Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1010 CET-MOS-CEM1010 Datasheet
714Kb / 4P
Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1210 CET-MOS-CEM1210 Datasheet
770Kb / 5P
Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1310SL CET-MOS-CEM1310SL Datasheet
484Kb / 5P
Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1510 CET-MOS-CEM1510 Datasheet
753Kb / 5P
Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com