Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5X2503 Datasheet (PDF) - Renesas Technology Corp

5X2503 Datasheet PDF - Renesas Technology Corp
Part # 5X2503
Download  5X2503 Download
File Size   681.31 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MicroClock Programmable Clock Generator

5X2503 Datasheet (PDF)

Go To PDF Page Download Datasheet
5X2503 Datasheet PDF - Renesas Technology Corp

Part # 5X2503
Download  5X2503 Click to download

File Size   681.31 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MicroClock Programmable Clock Generator

5X2503 Datasheet (HTML) - Renesas Technology Corp


5X2503 Product details

Description
The 5X2503 MicroClock is a programmable clock generator and is
intended for low-power, consumer, wearable and smart devices.
The 5X2503 device is a 3 PLL architecture design. Each PLL is
individually programmable, allowing for up to 3 unique frequency
outputs. The 5X2503 has built-in unique features such as Proactive
Power Saving (PPS) to deliver better system-level power
management.
An internal OTP memory allows the user to store the configuration in
the device without programming after power up. It can then be
reprogrammed again through the I2
C interface.
The device has programmable VCO and PLL source selection
allowing the user to do power-performance optimization based on
the application requirements. A low-power 32.768kHz clock is
supported with only less than 2μA current consumption for system
RTC reference clock needs.

Features
▪ Configurable OE1 pin function as OE, PPS or DFC control
function
▪ PPS: Proactive Power Saving features save power during the end
device power-down mode
▪ DFC: Dynamic Frequency Control feature allows programming up
to 4 difference frequencies that switch dynamically
▪ Integrated 26MHz crystal; no external input source requirement
▪ Spread spectrum clock support to lower system EMI
▪ I
2
C Interface




Similar Part No. - 5X2503

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5X2503 IDT-5X2503 Datasheet
414Kb / 30P
MicroClock Programmable Clock Generator
More results


Similar Description - 5X2503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
5L2503 IDT-5L2503 Datasheet
433Kb / 29P
MicroClock Programmable Clock Generator
5X2503 IDT-5X2503 Datasheet
414Kb / 30P
MicroClock Programmable Clock Generator
5X1503 IDT-5X1503 Datasheet
397Kb / 28P
MicroClock Programmable Clock Generator
logo
Renesas Technology Corp
5X1503 RENESAS-5X1503 Datasheet
593Kb / 29P
MicroClock Programmable Clock Generator
June 19, 2019
5L1503 RENESAS-5L1503 Datasheet
700Kb / 31P
MicroClock Programmable Clock Generator
December 20, 2021
5L2503 RENESAS-5L2503 Datasheet
678Kb / 30P
MicroClock Programmable Clock Generator
October 24, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com