Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6P61043 Datasheet (PDF) - Renesas Technology Corp

6P61043 Datasheet PDF - Renesas Technology Corp
Part # 6P61043
Download  6P61043 Download
File Size   399.37 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER

6P61043 Datasheet (PDF)

Go To PDF Page Download Datasheet
6P61043 Datasheet PDF - Renesas Technology Corp

Part # 6P61043
Download  6P61043 Click to download

File Size   399.37 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER

6P61043 Datasheet (HTML) - Renesas Technology Corp


6P61043 Product details

Description
The IDT6P61043 is a 4-output very low power buffer for
100MHz PCIe Gen1, Gen2 and Gen3 applications with
integrated output terminations providing Zo=100. The
device has 4 output enables for clock management, and 3
selectable SMBus addresses.

Features/Benefits
• Integrated terminations provide 100 differential Zo;
reduced component count and board space
• 1.8V operation; minimal power consumption
• OE# pins; support DIF power management
• HCSL compatible differential input; can be driven by
common clock sources
• LP-HCSL differential clock outputs; reduced power and
board space
• Programmable Slew rate for each output; allows tuning
for various line lengths
• Programmable output amplitude; allows tuning for
various application environments
• Pin/software selectable PLL bandwidth and PLL Bypass;
minimize phase jitter for each application
• Outputs blocked until PLL is locked; clean system
start-up
• Software selectable 50MHz or 125MHz PLL operation;
useful for Ethernet applications
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy
controllers
• Space saving 32-pin 5x5mm MLF; minimal board space
• Selectable SMBus addresses; multiple devices can
easily share an SMBus segment




Similar Part No. - 6P61043

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6P61033 RENESAS-6P61033 Datasheet
385Kb / 17P
8-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
6P61033NDGI RENESAS-6P61033NDGI Datasheet
385Kb / 17P
8-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
6P61033NDGI8 RENESAS-6P61033NDGI8 Datasheet
385Kb / 17P
8-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
More results


Similar Description - 6P61043

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CDBL401B PERICOM-PI6CDBL401B Datasheet
1Mb / 16P
4-Output Low Power PCIE GEN1-2-3 Buffer
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0931 IDT-9DBU0931_17 Datasheet
213Kb / 17P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
IDT5V41236 IDT-IDT5V41236 Datasheet
336Kb / 18P
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
SEPTEMBER 18, 2019
6P61033 RENESAS-6P61033 Datasheet
385Kb / 17P
8-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Skyworks Solutions Inc.
SI53258 SKYWORKS-SI53258 Datasheet
822Kb / 42P
8/4-Output PCIe Gen1/2/3/4/5 Clock Buffer
Revision A July, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com