Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6V49R904-167 Datasheet (PDF) - Renesas Technology Corp

6V49R904-167 Datasheet PDF - Renesas Technology Corp
Part # 6V49R904-167
Download  6V49R904-167 Download
File Size   581.1 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator

6V49R904-167 Datasheet (PDF)

Go To PDF Page Download Datasheet
6V49R904-167 Datasheet PDF - Renesas Technology Corp

Part # 6V49R904-167
Download  6V49R904-167 Click to download

File Size   581.1 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator

6V49R904-167 Datasheet (HTML) - Renesas Technology Corp


6V49R904-167 Product details

Description
The 6V49R904-167 is a programmable clock generator with fixed
ROM code intended for high-performance automotive
applications.
There are four internal PLLs, each individually programmed,
allowing for four unique non-integer-related frequencies. The
frequencies are generated from a single reference clock.

Features
▪ Factory programmed with “6V49R904-167” programming code
▪ Nine programmable outputs
▪ Four internal PLLs
▪ Two of the PLLs support spread spectrum generation capability
▪ Four independently controlled VDDO (1.8V–3.3V)
▪ I/O Standards:
• Outputs: 3.3V LVTTL / LVCMOS
• Inputs: 3.3V LVTTL / LVCMOS
▪ Redundant clock inputs with auto and manual switchover
options
▪ Individual output enable/disable
▪ Power-down mode
▪ 3.3V core VDD
▪ 5 × 5 mm 32-VFQFPN package
▪ -40° to +85°C industrial temperature operation




Similar Part No. - 6V49R904-167

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6V49205A RENESAS-6V49205A Datasheet
468Kb / 15P
FREESCALE P10XX AND P20XX SYSTEM CLOCK WITH 66.66M DDR CLOCK
Mar 2020
logo
Integrated Device Techn...
6V49205APAG IDT-6V49205APAG Datasheet
248Kb / 15P
FREESCALE P10XX AND P20XX SYSTEM CLOCK
logo
Renesas Technology Corp
6V49205APAG RENESAS-6V49205APAG Datasheet
468Kb / 15P
FREESCALE P10XX AND P20XX SYSTEM CLOCK WITH 66.66M DDR CLOCK
Mar 2020
logo
Integrated Device Techn...
6V49205APAG8 IDT-6V49205APAG8 Datasheet
248Kb / 15P
FREESCALE P10XX AND P20XX SYSTEM CLOCK
logo
Renesas Technology Corp
6V49205APAG8 RENESAS-6V49205APAG8 Datasheet
468Kb / 15P
FREESCALE P10XX AND P20XX SYSTEM CLOCK WITH 66.66M DDR CLOCK
Mar 2020
More results


Similar Description - 6V49R904-167

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
CLOCK GENERATOR
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
Clock Generator
BU3072HFV ROHM-BU3072HFV Datasheet
248Kb / 6P
Clock Generator
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
Clock Generator
July, 2014 ??Rev. 1
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
Clock Generator
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
Clock Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com