Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8A34003 Datasheet (PDF) - Renesas Technology Corp

8A34003 Datasheet PDF - Renesas Technology Corp
Part # 8A34003
Download  8A34003 Download
File Size   2306.16 Kbytes
Page   104 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronization Management Unit

8A34003 Datasheet (PDF)

Go To PDF Page Download Datasheet
8A34003 Datasheet PDF - Renesas Technology Corp

Part # 8A34003
Download  8A34003 Click to download

File Size   2306.16 Kbytes
Page   104 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronization Management Unit

8A34003 Datasheet (HTML) - Renesas Technology Corp


8A34003 Product details

Features
▪ Four independent timing channels
• Each can act as a frequency synthesizer, jitter attenuator,
Digitally Controlled Oscillator (DCO), or Digital Phase Lock
Loop (DPLL)
• DPLLs generate telecom compliant clocks
▪ Compliant with ITU-T G.8262 for Synchronous Ethernet
▪ Compliant with legacy SONET/SDH and PDH
requirements
• DPLL Digital Loop Filters (DLFs) are programmable with cut
off frequencies from 12µHz to 22kHz
• DPLL/DCO channels share frequency information using the
Combo Bus to simplify compliance with ITU-T G.8273.2
• Switching between DPLL and DCO modes is hitless and
dynamic
▪ Automatic reference switching between DCO and DPLL
modes to simplify support for an external phase/time input
interface in a T-BC
• Generates output frequencies that are independent of input
frequencies via a Fractional Output Divider (FOD)
• Each FOD supports output phase tuning with 1ps resolution
▪ 4 Differential / 8 LVCMOS outputs
• Frequencies from 0.5Hz to 1GHz (250MHz for LVCMOS)
• Jitter below 150fs RMS (10kHz to 20MHz)
• LVCMOS, LVDS, LVPECL, HCSL, CML, SSTL, and HSTL
output modes supported
• Differential output swing is selectable: 400mV / 650mV /
800mV / 910mV
• Independent output voltages of 3.3V, 2.5V, or 1.8V
• LVCMOS additionally supports 1.5V or 1.2V
• The clock phase of each output is individually programmable
in 1ns to 2ns steps with a total range of ±180°
▪ 2 differential / 4 single-ended clock inputs
• Support frequencies from 0.5Hz to 1GHz
• Any input can be mapped to any or all of the timing channels
• Redundant inputs frequency independent of each other
• Any input can be designated as external frame/sync pulse of
PPES (pulse per even second), 1 PPS (Pulse per Second),
5PPS, 10 PPS, 50Hz, 100Hz, 1 kHz, 2 kHz, 4kHz, and 8kHz
associated with a selectable reference clock input
• Per-input programmable phase offset of up to ±1.638s in
1ps steps
▪ Reference monitors qualify/disqualify references depending on
LOS, activity, frequency monitoring, and/or LOS input pins
• Loss of Signal (LOS) input pins (via GPIOs) can be assigned
to any input clock reference
▪ Automatic reference selection state machines select the active
reference for each DPLL based on the reference monitors,
priority tables, revertive / non-revertive, and other
programmable settings
▪ System APLL operates from fundamental-mode crystal: 25MHz
to 54MHz or from a crystal oscillator
▪ System DPLL accepts an XO, TCXO, or OCXO operating at
virtually any frequency from 1MHz to 150MHz
▪ DPLLs can be configured as DCOs to synthesize Precision
Time Protocol (PTP) / IEEE 1588 clocks
• DCOs generate PTP based clocks with frequency resolution
less than 1.11 × 10-16
▪ DPLL Phase detectors can be used as Time-to-Digital
Converters (TDC) with precision below 1ps
▪ Supports 1MHz I2
C or 50MHz SPI serial processor ports
▪ The device can configure itself automatically after reset via:
• Internal customer definable One-Time Programmable
memory with up to 16 different configurations
• Standard external I2
C EPROM via separate I2
C Master Port
▪ 1149.1 JTAG Boundary Scan
▪ 7 × 7 mm, 48-VFQFPN package

Description
The 8A34003 is a Synchronization Management Unit (SMU) for packet based and physical layer based equipment synchronization. The
8A34003 is a highly integrated device that provides tools to manage timing references, clock sources, and timing paths for IEEE 1588
and Synchronous Ethernet (SyncE) based clocks. The PLL channels can act independently as frequency synthesizers, jitter attenuators,
Digitally Controlled Oscillators (DCO) or Digital Phase Lock Loops (DPLL).
The 8A34003 supports multiple independent timing paths that can each be configured as a DPLL or as a DCO. Input-to-input,
input-to-output, and output-to-output phase skew can all be precisely managed. The device outputs low-jitter clocks that can directly
synchronize interfaces such as 100GBASE-R, 40GBASE-R, 10GBASE-R, and 10GBASE-W and lower-rate Ethernet interfaces, as well
as SONET/SDH and PDH interfaces and IEEE 1588 Time Stamp Units (TSUs).
The internal System APLL must be supplied with a low phase noise reference clock with frequency between 25MHz and 54MHz. The
output of the System APLL is used for clock synthesis by all of the Fractional Output Dividers (FODs) in the device. The System APLL
reference can come from an external crystal oscillator connected to the OSCI pin or from an internal oscillator that uses a crystal
connected between the OSCI and OSCO pins.




Similar Part No. - 8A34003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8A34003 RENESAS-8A34003 Datasheet
2Mb / 103P
Synchronization Management Unit
August 13, 2023
8A34003E-DDDNBG RENESAS-8A34003E-DDDNBG Datasheet
2Mb / 103P
Synchronization Management Unit
August 13, 2023
8A34003E-DDDNBG8 RENESAS-8A34003E-DDDNBG8 Datasheet
2Mb / 103P
Synchronization Management Unit
August 13, 2023
8A34003 RENESAS-8A34003_V01 Datasheet
2Mb / 103P
Synchronization Management Unit
August 13, 2023
More results


Similar Description - 8A34003

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33810 IDT-82P33810_16 Datasheet
285Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33813 IDT-82P33813 Datasheet
272Kb / 13P
Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33814 IDT-82P33814_16 Datasheet
350Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33813 IDT-82P33813_17 Datasheet
272Kb / 13P
Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
logo
Renesas Technology Corp
8A34005 RENESAS-8A34005 Datasheet
2Mb / 95P
Synchronization Management Unit
April 19, 2022
8A34001 RENESAS-8A34001 Datasheet
2Mb / 110P
Synchronization Management Unit
November 25, 2021
8A34002 RENESAS-8A34002 Datasheet
2Mb / 107P
Synchronization Management Unit
December 20, 2021
8A34004 RENESAS-8A34004 Datasheet
2Mb / 100P
Synchronization Management Unit
February 2, 2022
82P33810 RENESAS-82P33810 Datasheet
1Mb / 72P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
September 4, 2017
82P33814 RENESAS-82P33814 Datasheet
1Mb / 71P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
August 25, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com