Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ5.6B-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PDZ5.6B-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDZ5.6B-Q
Download  PDZ5.6B-Q Download
File Size   256.98 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diodes

PDZ5.6B-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PDZ5.6B-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDZ5.6B-Q
Download  PDZ5.6B-Q Click to download

File Size   256.98 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diodes

PDZ5.6B-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PDZ5.6B-Q Product details

1. General description
Low-power general purpose voltage regulator diodes in a very small SOD323 (SC-76) Surface-
Mounted Device (SMD) plastic package.

2. Features and benefits
• Total power dissipation: Ptot ≤ 400 mW
• Small plastic package suitable for surface mounted design
• Wide variety of voltage ranges: nominal 2.4 V to 36 V (E24 range)
• Tolerance approximately ± 2 %
• PDZ5.1B-Q - 10B-Q: Very low dynamic impedances at low currents, very low leakage current,
hard breakdown knee
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• General voltage regulation




Similar Part No. - PDZ5.6B-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ5.6B PHILIPS-PDZ5.6B Datasheet
63Kb / 8P
Voltage regulator diodes
1998 Apr 23
logo
Pan Jit International I...
PDZ5.6B PANJIT-PDZ5.6B Datasheet
117Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PDZ5.6B PANJIT-PDZ5.6B Datasheet
294Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PDZ5.6B PHILIPS-PDZ5.6B Datasheet
192Kb / 9P
Voltage regulator diodes
2004 Mar 22
PDZ5.6B NXP-PDZ5.6B Datasheet
143Kb / 9P
Total power dissipation: max. 400 mW
2004 Mar 22
More results


Similar Description - PDZ5.6B-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
Single Zener diodes
Rev. 01-1 March 2007
NZX NXP-NZX Datasheet
67Kb / 12P
Single Zener diodes
Rev. 02-3 June 2009
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
Single Zener diodes
Rev. 2-1 August 2011
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
Single Zener diodes
Rev. 4-28 November 2011
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
Single Zener diodes
Rev. 4-28 November 2011
logo
Nexperia B.V. All right...
TDZXJ NEXPERIA-TDZXJ Datasheet
997Kb / 12P
Single Zener diodes
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
Single Zener diodes
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
Single Zener diodes
Rev. 01 - 27 January 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com