Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8R45252I Datasheet (PDF) - Renesas Technology Corp

8R45252I Datasheet PDF - Renesas Technology Corp
Part # 8R45252I
Download  8R45252I Download
File Size   498.08 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-CML Clock Generator

8R45252I Datasheet (PDF)

Go To PDF Page Download Datasheet
8R45252I Datasheet PDF - Renesas Technology Corp

Part # 8R45252I
Download  8R45252I Click to download

File Size   498.08 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-CML Clock Generator

8R45252I Datasheet (HTML) - Renesas Technology Corp


8R45252I Product details

General Description
The 8R45252I is a 3.3V,2.5V CML clock generator designed for
Ethernet applications. The device synthesizes either a 50MHz,
62.5MHz, 100MHz, 125MHz, 156.25MHz, 250MHz or 312.5MHz
clock signal with excellent phase jitter performance. The clock signal
is distributed to two low-skew differential CML outputs. The device is
suitable for driving the reference clocks of Ethernet PHYs. The
device supports 3.3V and 2.5V voltage supply and is packaged in a
small, lead-free (RoHS 6) 32-lead VFQFN package. The extended
temperature range supports telecommunication, wireless
infrastructure and networking end equipment requirements. The
device is a member of the family of High Performance Clock
Solutions from IDT.

Features
• Clock generation of: 50MHz, 62.5MHz, 100MHz, 125MHz,
156.25MHz, 250MHz and 312.5MHz
• Two differential CML clock output pairs
• Crystal interface designed for 25MHz,
18pF parallel resonant crystal
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 400fs (typical), 3.3V
Offset Noise Power
100Hz.................... -102.4 dBc/Hz
1kHz.................... -119.4 dBc/Hz
10kHz................... -124.8 dBc/Hz
100kHz................... -125.7 dBc/Hz
• LVCMOS interface levels for the control inputs
• Full 3.3V and 2.5V supply voltage
• Available in lead-free (RoHS 6) 32 VFQFN package
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8R45252I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8R45252I IDT-8R45252I Datasheet
274Kb / 20P
FemtoClock Crystal-to-CML Clock Generator
More results


Similar Description - 8R45252I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS845252I IDT-ICS845252I Datasheet
773Kb / 17P
FemtoClock??Crystal-to-CML Clock Generator
8R45252I IDT-8R45252I Datasheet
274Kb / 20P
FemtoClock Crystal-to-CML Clock Generator
logo
Renesas Technology Corp
841608 RENESAS-841608 Datasheet
1Mb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
January 31, 2023
844008I-46 RENESAS-844008I-46 Datasheet
497Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
11/6/15
844071 RENESAS-844071 Datasheet
434Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
11/17/15
845252 RENESAS-845252 Datasheet
414Kb / 17P
FemtoClock® Crystal-to-CML Clock Generator
November 11, 2016
845254 RENESAS-845254 Datasheet
556Kb / 21P
FemtoClock® Crystal-to-3.3V, 2.5V CML Clock Generator
08/25/15
845264 RENESAS-845264 Datasheet
605Kb / 24P
FemtoClock®Crystal-to-CML Clock Generator
07/20/15
ICS844011 RENESAS-ICS844011 Datasheet
1Mb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
AUGUST 27, 2012
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com