Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8S89831I Datasheet (PDF) - Renesas Technology Corp

8S89831I Datasheet PDF - Renesas Technology Corp
Part # 8S89831I
Download  8S89831I Download
File Size   658.1 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential LVPECL-To-LVPECL/ECL Fanout Buffer

8S89831I Datasheet (PDF)

Go To PDF Page Download Datasheet
8S89831I Datasheet PDF - Renesas Technology Corp

Part # 8S89831I
Download  8S89831I Click to download

File Size   658.1 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential LVPECL-To-LVPECL/ECL Fanout Buffer

8S89831I Datasheet (HTML) - Renesas Technology Corp


8S89831I Product details

Description
The 8S89831I is a high speed 1-to-4 Differential- to-LVPECL/ECL
Fanout Buffer. The 8S89831I is optimized for high speed and very
low output skew, making it suitable for use in demanding applications
such as SONET, 1 Gigabit and 10 Gigabit Ethernet, and Fiber
Channel. The internally terminated differential input and VREF_AC pin
allow other differential signal families such as LVDS, LVHSTL and
CML to be easily interfaced to the input with minimal use of external
components.
The device also has an output enable pin which may be useful for
system test and debug purposes. The 8S89831I is packaged in a
small 3mm x 3mm 16-pin VFQFN package which makes it ideal for
use in space-constrained applications.

Features
• Four LVPECL/ECL outputs
• IN, nIN input can accept the following differential input levels:
LVPECL, LVDS, CML, SSTL
• 50 internal input termination to VT
• Output frequency: >2.1GHz
• Output skew: 30ps (maximum)
• Part-to-part skew: 185ps (maximum)
• Additive phase jitter, RMS: 0.31ps (typical)
• Propagation Delay: 570ps (maximum)
• LVPECL mode operating voltage supply range:
VCC = 2.5V±5%, 3.3V±5%, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.3V±5%, -2.5V±5%
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Supports ≤105°C board temperature operations




Similar Part No. - 8S89831I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S89831I RENESAS-8S89831I Datasheet
676Kb / 20P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
October 22, 2025
logo
Integrated Device Techn...
8S89831I IDT-8S89831I_17 Datasheet
367Kb / 19P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S89831I RENESAS-8S89831I_V01 Datasheet
676Kb / 20P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
October 22, 2025
More results


Similar Description - 8S89831I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A AUGUST 18, 2004
logo
Integrated Device Techn...
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
8S89831I IDT-8S89831I_17 Datasheet
367Kb / 19P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
853S011BI IDT-853S011BI_16 Datasheet
315Kb / 20P
LVPECL/ ECL Fanout Buffer
853S111AI IDT-853S111AI Datasheet
298Kb / 20P
Differential-to-LVPECL/ECL Fanout Buffer
ICS853S031I IDT-ICS853S031I Datasheet
1,005Kb / 22P
LVPECL/ECL Fanout Buffer
ICS8S58021I IDT-ICS8S58021I Datasheet
734Kb / 18P
Differential-to-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S58021I RENESAS-8S58021I Datasheet
438Kb / 16P
Differential-to-LVPECL/ECL Fanout Buffer
September 22, 2017
ICS8S58021I RENESAS-ICS8S58021I Datasheet
931Kb / 19P
Differential-to-LVPECL/ECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com