Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T33FS6111DXGI Datasheet (PDF) - Renesas Technology Corp

8T33FS6111DXGI Datasheet PDF - Renesas Technology Corp
Part # 8T33FS6111DXGI
Download  8T33FS6111DXGI Download
File Size   1014.18 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer

8T33FS6111DXGI Datasheet (PDF)

Go To PDF Page Download Datasheet
8T33FS6111DXGI Datasheet PDF - Renesas Technology Corp

Part # 8T33FS6111DXGI
Download  8T33FS6111DXGI Click to download

File Size   1014.18 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer

8T33FS6111DXGI Datasheet (HTML) - Renesas Technology Corp


8T33FS6111DXGI Product details

General Description
The 8T33FS6111 is a bipolar monolithic differential clock fanout
buffer. Designed for most demanding clock distribution systems, the
8T33FS6111 supports various applications that require distribution
of precisely aligned differential clock signals. Using SiGe:C
technology and a fully differential architecture, the device offers very
low skew outputs and superior digital signal characteristics. Target
applications for this clock driver is high performance clock distribution
in computing, networking and telecommunication systems.
The 8T33FS6111 is designed for low skew clock distribution systems
and supports clock frequencies up to 2.7GHz. The device accepts
two clock sources. The CLKA input can be driven by LVPECL
compatible signals, the CLKB input accepts HSTL or LVPECL
compatible signals. The selected input signal is distributed to 10
identical, LVPECL outputs. If VBB is connected to the CLKA input and
bypassed to GND by a 10nF capacitor, the 8T33FS6111 can be
driven by single-ended LVPECL signals utilizing the VBB bias voltage
output.
In order to meet the tight skew specification of the device, both
outputs of a differential output pair should be terminated, even if only
one output is used. In the case where not all ten outputs are used,
the output pairs on the same package side as the parts being used
on that side should be terminated.
The 8T33FS6111 can be operated from a single 3.3V or 2.5V supply

Features
• 1:10 differential clock distribution
• 28ps typical output skew
• Fully differential architecture from input to all outputs
• SiGe:C technology supports near-zero output skew
• Supports DC to 2.7GHz operation of clock or data signals
• LVPECL compatible differential clock outputs
• LVPECL/HSTL compatible differential clock inputs
• Single 3.3V or 2.5V supply
• Standard 32-Lead VFQFN package
• Standard 32-lead LQFP package
• Standard 32-lead TQFP package with EPAD
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8T33FS6111DXGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T33FS6111 IDT-8T33FS6111 Datasheet
810Kb / 28P
Fully differential architecture from input to all outputs
More results


Similar Description - 8T33FS6111DXGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A AUGUST 18, 2004
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
NB7L14 ONSEMI-NB7L14 Datasheet
149Kb / 9P
2.5V / 3.3V 7GHz/10Gbps Differential 1:4 LVPECL Fanout Buffer
February, 2009 ??Rev. 2
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
8533I-01 IDT-8533I-01 Datasheet
350Kb / 18P
Differential-to-3.3V LVPECL Fanout Buffer
85314I-01 IDT-85314I-01 Datasheet
295Kb / 20P
Differential-to-2.5V/3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com