Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T39S06A Datasheet (PDF) - Renesas Technology Corp

8T39S06A Datasheet PDF - Renesas Technology Corp
Part # 8T39S06A
Download  8T39S06A Download
File Size   1051.02 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal or Differential to Differential Clock Fanout Buffer

8T39S06A Datasheet (PDF)

Go To PDF Page Download Datasheet
8T39S06A Datasheet PDF - Renesas Technology Corp

Part # 8T39S06A
Download  8T39S06A Click to download

File Size   1051.02 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal or Differential to Differential Clock Fanout Buffer

8T39S06A Datasheet (HTML) - Renesas Technology Corp


8T39S06A Product details

General Description
The 8T39S06A is a high-performance clock fanout buffer. The input
clock can be selected from two differential inputs or one crystal input.
The internal oscillator circuit is automatically disabled if the crystal
input is not selected. The crystal pin can be driven by a single-ended
clock.The selected signal is distributed to six differential outputs
which can be configured as LVPECL, LVDS or HCSL outputs. In
addition, an LVCMOS output is provided. All outputs can be disabled
into an high-impedance state. The device is designed for a signal
fanout of high-frequency, low phase-noise clock and data signal. The
outputs are at a defined level when inputs are open or tied to ground.
It is designed to operate from a 3.3V or 2.5V core power supply, and
either a 3.3V or 2.5V output operating supply.

Features
• Two differential reference clock input pairs
• Differential input pairs can accept the following input
levels: LVPECL, LVDS, HCSL, HSTL and Single-ended
• Crystal Oscillator Interface
• Crystal input frequency range: 10MHz to 40MHz
• Maximum Output Frequency
LVPECL - 2GHz
LVDS - 2GHz
HCSL - 250MHz
LVCMOS - 250MHz
• Two banks, each has three differential output pairs that can be
configured as LVPECL or LVDS or HCSL
• One single-ended reference output with synchronous enable to
avoid clock glitch
• Output skew: 80ps (maximum)
(Bank A and Bank B at the same output level)
• Part-to-part skew: 200ps (typical)
• Additive RMS phase jitter @ 156.25MHz, (12kHz - 20MHz):
34.7fs (typical), 3.3V/ 3.3V
• Supply voltage modes:
VDD/VDDO
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 8T39S06A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T39S06A IDT-8T39S06A Datasheet
843Kb / 39P
Crystal or Differential to Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 37P
Crystal or Differential to Differential Clock Fanout Buffer
November 27, 2023
logo
Integrated Device Techn...
8T39S06ANBGI IDT-8T39S06ANBGI Datasheet
843Kb / 39P
Crystal or Differential to Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39S06ANBGI RENESAS-8T39S06ANBGI Datasheet
1Mb / 37P
Crystal or Differential to Differential Clock Fanout Buffer
November 27, 2023
logo
Integrated Device Techn...
8T39S06ANBGI8 IDT-8T39S06ANBGI8 Datasheet
843Kb / 39P
Crystal or Differential to Differential Clock Fanout Buffer
More results


Similar Description - 8T39S06A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8L30110 IDT-8L30110 Datasheet
574Kb / 22P
Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
Crystal or Differential to Differential Clock Fanout Buffer
8T39S06A IDT-8T39S06A Datasheet
843Kb / 39P
Crystal or Differential to Differential Clock Fanout Buffer
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
Crystal or Differential-to-Differential Clock Fanout Buffer
8T39S11A IDT-8T39S11A Datasheet
927Kb / 37P
Crystal or Differential-to-Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39210 RENESAS-8T39210 Datasheet
1Mb / 43P
Crystal or Differential-to-Differential Clock Fanout Buffer
February 2, 2023
8T39S04A RENESAS-8T39S04A Datasheet
1Mb / 36P
Crystal or Differential to Differential Clock Fanout Buffer
July 24, 2019
8T39S08A RENESAS-8T39S08A Datasheet
1Mb / 40P
Crystal or Differential-to-Differential Clock Fanout Buffer
May 19, 2016
IDT8T39S10I RENESAS-IDT8T39S10I Datasheet
1Mb / 44P
Crystal or Differential to Differential Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com