Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16180 Datasheet (PDF) - Analog Devices

MAX16180 Datasheet PDF - Analog Devices
Part # MAX16180
Download  MAX16180 Download
File Size   449.16 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Nano Power, Tiny Supervisor with Manual Reset Input

MAX16180 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16180 Datasheet PDF - Analog Devices

Part # MAX16180
Download  MAX16180 Click to download

File Size   449.16 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Nano Power, Tiny Supervisor with Manual Reset Input

MAX16180 Datasheet (HTML) - Analog Devices


MAX16180 Product details

General Description
The MAX16180–MAX16183 are ultra-low-current,
single-channel supervisory ICs that monitor the VCC
voltage from 1.7V to 4.85V in 50mV increments and
assert a reset when the VCC voltage falls below the reset
threshold. The reset output remains asserted for the
reset timeout period after the VCC voltage rises above
the factory-set VCC_TH + VHYS. See the Selector Guide
for available reset timeout options.
The MAX16180–MAX16183 include a factoryprogrammable
manual reset input (MR) that can be
configured to assert a reset when it receives a risingedge,
falling-edge, active-low, or active-high input
signal. The MAX16180/MAX16181 features an opendrain
reset output, while the MAX16182/MAX16183
features a push-pull reset output. See the Selector
Guide for reset output configurations.
All devices are specified over the -40°C to +125°C
temperature range. The MAX16180–MAX16183 are
available in a tiny 0.97mm x 0.97mm x 0.5mm, 4-bump
WLP (0.35mm pitch).

Benefits and Features
• 240nA Quiescent Current, Extends Battery Life
• Edge/Level Trigger MR Input
• Factory-Set Reset Timeout Period
• MR Debounce Circuitry
• Factory-Set Threshold: 1.7V to 4.85V
• WLP Package
• -40°C to +125°C Temperature Range

Applications
• Chargers
• Portable/Battery-Powered Equipment
• e-Readers/Tablets
• Wearable/Portable Accessories
• Smart Phones




Similar Part No. - MAX16180

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
MAX1618MUB MAXIM-MAX1618MUB Datasheet
430Kb / 20P
Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
More results


Similar Description - MAX16180

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
Tiny microprocessor supervisors with manual reset
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
Quad Reset Supervisor with Manual Reset Input
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
Quad Reset Supervisor with Manual Reset Input
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
Reset Circuits with Manual Reset Input
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com