Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX38890 Datasheet (PDF) - Analog Devices

MAX38890 Datasheet PDF - Analog Devices
Part # MAX38890
Download  MAX38890 Download
File Size   1121.68 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5V to 5.5V, 5A Reversible Buck/Boost Regulator for Backup Applications

MAX38890 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX38890 Datasheet PDF - Analog Devices

Part # MAX38890
Download  MAX38890 Click to download

File Size   1121.68 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5V to 5.5V, 5A Reversible Buck/Boost Regulator for Backup Applications

MAX38890 Datasheet (HTML) - Analog Devices


MAX38890 Product details

Product Highlights
• 2.5V to 5.5V System Output Voltage Range
• 0.5V to 5.5V Supercapacitor Voltage Range
• ±1% Threshold Accuracy
• 2.5% Hysteresis between Backup and Charging
• 1A to 5A Peak Inductor Current Limit
• Peak Inductor Current Is Pin-Programmable over
1A to 5A through External Resistor
• 94% Peak Efficiency, Charging or Discharging Mode
• 4μA Quiescent Current in Ready State
• After Supercapacitor Is Charged, Draws only 4μA of Quiescent Current
• Ready and Backup State Outputs
• RDY and BKB Flags Provide Real-Time Status to System
• 3mm x 3mm, 16-Pin TQFN Package

Key Applications
• Handheld Industrial Equipment
• Portable Devices/Computers with Removable Battery
• Industrial Sensor and Actuators
• Aftermarket Automotive Tracking




Similar Part No. - MAX38890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX388-MAX389 MAXIM-MAX388-MAX389 Datasheet
468Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX38800 MAXIM-MAX38800 Datasheet
1Mb / 28P
Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
MAX38800EVKIT MAXIM-MAX38800EVKIT Datasheet
1Mb / 15P
High-Efficiency Solution Inductor valley current limit is Configured to 7.5A
Rev 0; 8/17
More results


Similar Description - MAX38890

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85033-12VEVAL3Z INTERSIL-ISL85033-12VEVAL3Z Datasheet
672Kb / 6P
Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current
July 27, 2011
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816 Datasheet
1Mb / 26P
High-Efficiency Buck-Boost Regulator with 5A Switches
Rev 0; 6/17
MAX38886 MAXIM-MAX38886 Datasheet
628Kb / 12P
2.5V to 5.0V, 0.5A/2.5A, Charge/Discharge Regulator for Supercapacitor Backup Applications
Rev 1; 8/20
MAX38889 MAXIM-MAX38889 Datasheet
585Kb / 17P
2.5V to 5.5V, 3A Reversible Buck/Boost Regulator for Backup Applications
Rev 1; 5/21
MAX77816 MAXIM-MAX77816_V01 Datasheet
1Mb / 30P
High-Efficiency Buck-Boost Regulator with 5A Switches
2020
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Microsemi Corporation
LX7165 MICROSEMI-LX7165 Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
logo
Renesas Technology Corp
RAA808015A RENESAS-RAA808015A Datasheet
1Mb / 25P
2.7V to 5.5V Input, 5A Synchronous Buck Regulators
Mar 2, 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com