|
1 Features
• FMCW transceiver
– Integrated PLL, transmitter, receiver, baseband
and ADC
– 76- to 81-GHz coverage with 5-GHz available
bandwidth
– 4 receive and 3 – 4 transmit channels
(AWR2943 with 3 channels and AWR2944 with
4 channels) for PCB interface to antennas
– Per transmit phase shifter
– Ultra-accurate chirp engine based on fractional-
N PLL
– TX power
• 13.5 dBm
– RX noise figure
• 12 dBm
– Phase noise at 1 MHz
• -96 dBc/Hz (76 to 77 GHz)
• -95 dBc/Hz (76 to 81 GHz)
• Built-in calibration and self-test
– Built in firmware (ROM)
– Self-calibrating system across process and
temperature
• Processing elements
– Arm® Cortex-R5F® core (supports lock step
operation) @300MHz
– TI digital signal processor C66x @360MHz
– TI radar hardware accelerator (HWA2.1) for
operations like FFT, log magnitude, and
memory compression
– Multiple EDMA instances for data movement
• Host interface
– 2x CAN-FD
– 10/100 Mbps RGMII/RMII/MII Ethernet
• Supports a serial flash memory interface (loading
user application from QSPI flash memory)
• Other interfaces available to user application
– Up to 9 ADC channels
– 2 SPIs
– 4 UARTs
– I2C
– GPIOs
– 3 EPWMs
– 4-lane Aurora LVDS interface for raw ADC data
and debug instrumentation
– CSI2 Rx interface to enable playback of the
captured data
• On-Chip RAM
– 3.5 to 4MBytes (AWR2943 with 3.5MB and
AWR2944 with 4MB)
– Memory space split between DSP, MCU, and
shared L3
• Device security (on select part numbers)
– Programmable embedded hardware security
module (HSM)
– Secure authenticated and encrypted boot
support
– Customer programmable root keys, symmetric
keys (256 bit), asymmetric keys (up to RSA-4K
or ECC-512) with key revocation capability
– Cryptographic hardware accelerators: PKA with
ECC, AES (up to 256 bit), SHA (up to 512 bit),
TRNG/DRBG
• Functional safety compliant targeted
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 functional safety system design
– Hardware integrity up to ASIL B targeted
• AEC-Q100 qualified
• Advanced features
– Embedded self-monitoring with no external
processor involvement
– Embedded interference detection capability
• Power management
– On-die LDO network for enhanced PSRR
– LVCMOS IO supports dual voltage 3.3 V and
1.8 V
• Clock source
– 40-MHz crystal with internal oscillator
– Supports external oscillator at 40 MHz
– Supports externally driven clock (square or sine
wave) at 40 MHz
• Optimal Power Management Solution
– Recommended LP87745-Q1 Power
Management ICs (PMIC)
• Companion PMIC specially designed to
meet device power supply requirements
• Flexible mapping and factory programmed
configurations to support different use cases
• Cost-reduced hardware design
– 0.65-mm pitch, 12-mm × 12-mm flip chip BGA
package for easy assembly and low-cost PCB
design
– Small solution size
• Supports automotive temperature operating range
– Operating junction temperature range: –40°C to
140°C
2 Applications
• Lane change assist
• Blind spot detection
• Automatic emergency braking
• Adaptive cruise control
• Cross traffic alert
3 Description
The AWR294x is a single-chip mmWave sensor composed of a FMCW transceiver, capable of operation in the
76- to 81-GHz band, radar data processing elements, and peripherals for in-vehicle networking. The AWR294x
is built with TI’s low-power 45-nm RFCMOS process and enables unprecedented levels of integration in a small
form factor and minimal BOM. The AWR294x is an ideal solution for low-power, self-monitored, ultra-accurate
radar systems in the automotive space.
TI’s low-power 45-nm RFCMOS process enables a monolithic implementation of a 3-4 TX, 4 RX system
with integrated PLL, VCO, mixer, and baseband ADC. Integrated in the DSP subsystem (DSS), is TI's highperformance
C66x DSP for radar signal processing. The device includes a Radio Processor Subsystem (RSS),
which is responsible for radar front-end configuration, control, and calibration. Within the Main Subsystem
(MSS), the device implements a user-programmable Arm Cortex-R5F processor allowing for custom control
and automotive interface applications. The hardware accelerator block (HWA 2.0) supplements the DSS and
MSS by offloading common radar processing such as FFT, constant false alarm rate (CFAR), scaling, and
compression. This saves MIPS on the DSS and MSS, opening up resources for custom applications and
higher-level algorithms.
A Hardware Security Module (HSM) is also provisioned in the device (available for only secure part variants).
The HSM consists of a programmable Arm Cortex-M4 core and the necessary infrastructure to provide a secure
zone of operation within the device.
Simple programming model changes can enable a wide variety of sensor implementation (Short, Mid, Long) with
the possibility of dynamic reconfiguration for implementing a multimode sensor.
|