Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA254A2 Datasheet (PDF) - Texas Instruments

INA254A2 Datasheet PDF - Texas Instruments
Part # INA254A2
Download  INA254A2 Download
File Size   1571.75 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor

INA254A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA254A2 Datasheet PDF - Texas Instruments

Part # INA254A2
Download  INA254A2 Click to download

File Size   1571.75 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor

INA254A2 Datasheet (HTML) - Texas Instruments


INA254A2 Product details

1 Features
• Precision integrated 400-μΩ shunt resistor
– Continuous ±75 A at 25°C
– Continuous ±50 A from –40°C to +85°C
– Shunt resistor tolerance: 0.5% (maximum)
– Low drift: 10 ppm/°C (0°C to 125°C)
– Low inductance: 2 nH
• High accuracy
– System gain error: 0.5% (maximum)
– System gain drift: 45 ppm/°C (maximum)
– Input offset current: ±62.5 mA (maximum)
– Input offset drift: 625 μA/°C (maximum)
– DC CMRR > 120-dB
– 90-dB AC CMRR at 50 kHz
• Enhanced PWM rejection
• Wide common-mode range: –4 V to +80 V
• Available gains: 20 mV/A, 40 mV/A,
and 75 mV/A

2 Applications
• 48-V motor controls
• DC/DC converters
• Medical cordless tools
• Solenoid and actuators
• Remote I/O link control

3 Description
The INA254 is a voltage-output, current sense
amplifier with a 400-μΩ integrated shunt resistor. The
INA254 is designed to monitor bidirectional currents
over a wide common-mode range from –4 V to +80 V,
independent of the supply voltage. Three fixed gains
are available: 20 mV/A, 40 mV/A, and 75 mV/A.
The integration of the precision resistor with a zerodrift
chopped amplifier provides calibration equivalent
measurement accuracy, ultra-low temperature drift
performance of ±45 ppm/°C (maximum), and an
optimized Kelvin layout for the sensing resistor.
The INA254 is designed with enhanced PWM
rejection circuitry to suppress large (dv/dt) signals that
enable real-time continuous current measurements.
The measurements are critical for in-line current
measurements in a motor-drive application, and for
solenoid valve control applications.
This device operates from a single 2.7-V to 5.5-V
power supply, drawing a maximum of 2.4 mA of
supply current. All gain versions are specified over
the extended operating temperature range (–40°C
to +125°C), and are available in a 24-pin HTSSOP
package.




Similar Part No. - INA254A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA254 TI-INA254 Datasheet
950Kb / 21P
INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
More results


Similar Description - INA254A2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8217 AD-AD8217 Datasheet
314Kb / 16P
High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
AD8218 AD-AD8218 Datasheet
351Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8219 AD-AD8219 Datasheet
288Kb / 16P
Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
logo
Analog Devices
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA225 TI-INA225_15 Datasheet
1Mb / 33P
36-V, Programmable-Gain, Voltage-Output, Bidirectional, Zero-Drift Series,Current-Shunt Monitor
INA253 TI1-INA253 Datasheet
639Kb / 24P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA254 TI-INA254 Datasheet
950Kb / 21P
INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com