Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY55851AUKG Datasheet (PDF) - Microchip Technology

SY55851AUKG Datasheet PDF - Microchip Technology
Part # SY55851AUKG
Download  SY55851AUKG Download
File Size   944.12 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.5V/3.3V, 3.0GHz CML AnyGate®Any Logic with 50 Outputs

SY55851AUKG Datasheet (PDF)

Go To PDF Page Download Datasheet
SY55851AUKG Datasheet PDF - Microchip Technology

Part # SY55851AUKG
Download  SY55851AUKG Click to download

File Size   944.12 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.5V/3.3V, 3.0GHz CML AnyGate®Any Logic with 50 Outputs

SY55851AUKG Datasheet (HTML) - Microchip Technology


SY55851AUKG Product details

General Description
The SY55851A is a highly flexible, universal logic gate
capable of up to 3.0GHz operation. This AnyGate
differential logic device will produce all possible logic
functions of two Boolean variables. It can be configured
as any of the following gates: AND, NAND, OR, NOR,
XOR, XNOR, DELAY, NEGATION (NOT). The
SY55851A can also function as a 2-input multiplexer.
The SY55851A has an output stage optimized for 50Ω loads.

Features
• Guaranteed AC Parameters Over Temperature:
- fMAX > 3.0GHz
- tr / tf < 100ps
- Propagation delay < 280ps
• Guaranteed Operation Over -40° to +85°C
Temperature Range
• Wide Supply Voltage Range: 2.3V to 3.6V
• Single IC Provides 8 Logic Functions
• 2:1 MUX Capability
• Fully Differential I/O
• Source Terminated CML Outputs for Fast edge
Rates (50 Load)
• Guaranteed Matched Propagation Delays:
- Select (S)-to-out: < 280ps
- Input (A and B)-to-out: < 280ps
• Accepts LVPECL and CML Input Signals
• Functions as LVPECL-to-CML Translator
• Available in a 10-pin (3mm x 3mm) MSOP Package

Applications
• Port bypass
• Data communication systems
• Wireless communication systems
• Telecom systems




Similar Part No. - SY55851AUKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55851AUKG MICREL-SY55851AUKG Datasheet
63Kb / 8P
2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
SY55851AUKG MICREL-SY55851AUKG Datasheet
64Kb / 8P
2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
SY55851AUKGTR MICREL-SY55851AUKGTR Datasheet
63Kb / 8P
2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
SY55851AUKGTR MICREL-SY55851AUKGTR Datasheet
64Kb / 8P
2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
More results


Similar Description - SY55851AUKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
logo
Micrel Semiconductor
SY55851 MICREL-SY55851 Datasheet
63Kb / 8P
2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55851 MICREL-SY55851_09 Datasheet
64Kb / 8P
2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
logo
Pericom Semiconductor C...
NX326 PERICOM-NX326 Datasheet
659Kb / 2P
2.5V/3.3V CML XO
NX706 PERICOM-NX706 Datasheet
786Kb / 2P
2.5V/3.3V CML XO
NX256 PERICOM-NX256 Datasheet
509Kb / 2P
2.5V/3.3V CML XO
logo
Renesas Technology Corp
845254 RENESAS-845254 Datasheet
556Kb / 21P
FemtoClock® Crystal-to-3.3V, 2.5V CML Clock Generator
08/25/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com