Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T49N4811 Datasheet (PDF) - Renesas Technology Corp

8T49N4811 Datasheet PDF - Renesas Technology Corp
Part # 8T49N4811
Download  8T49N4811 Download
File Size   756.53 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description I 2 C Programmable Ethernet Clock Generator

8T49N4811 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T49N4811 Datasheet PDF - Renesas Technology Corp

Part # 8T49N4811
Download  8T49N4811 Click to download

File Size   756.53 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description I 2 C Programmable Ethernet Clock Generator

8T49N4811 Datasheet (HTML) - Renesas Technology Corp


8T49N4811 Product details

General Description
The 8T49N4811 is a highly flexible FemtoClock® NG
pin-programmable clock generator suitable for networking and
communications applications. It is able to generate five different
output frequencies with multiple copies of each. A fundamental mode
crystal, single-ended, or differential input reference may be used as
the source for the output frequency.
The use of pin-programming to select the input source / frequency,
desired output frequencies and output styles allow a single device to
be used in a wide variety of applications without the need for register
programming.
Selection pins use 3-level options to maximize flexibility while
minimizing package size. Selection is performed by tying a selection
pin high or low or by leaving it floating, eliminating the need for
passive components to drive a desired logic level.

Features
• Fourth generation FemtoClock® NG technology
• Generates multiple copies of 25MHz, 50MHz, 100MHz, 125MHz,
156.25MHz or 312.5MHz
• Typical input frequency is 25MHz, with optional 125MHz and
156.25MHz input support
• Differential outputs are pin programmable for LVDS or LVPECL
• RMS phase jitter at 156.25MHz: <300fs typical
• Power Supply Rejection Ratio better than -50dBc from
10k-1.5MHz at 3.3V power supply
• Full 3.3V and 2.5V Supply Voltages
• -40°C to +85°C ambient operating temperature
• 56-pin VFQFPN, lead-free (RoHS 6) packaging




Similar Part No. - 8T49N4811

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N4811 IDT-8T49N4811 Datasheet
549Kb / 34P
Fourth generation FemtoClock
More results


Similar Description - 8T49N4811

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
Programmable Clock Generator
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com