Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V49N231 Datasheet (PDF) - Renesas Technology Corp

8V49N231 Datasheet PDF - Renesas Technology Corp
Part # 8V49N231
Download  8V49N231 Download
File Size   615.39 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for Broadcom Processor

8V49N231 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V49N231 Datasheet PDF - Renesas Technology Corp

Part # 8V49N231
Download  8V49N231 Click to download

File Size   615.39 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for Broadcom Processor

8V49N231 Datasheet (HTML) - Renesas Technology Corp


8V49N231 Product details

General Description
The 8V49N231 is a high-performance PLL-based clock generator
designed to interface with Broadcom XLP2xxx processors. The
8V49N231 has one 25MHz crystal input to generate output
frequencies to support XLP Core/DDR3, USB, SGMII/XAUI and
PCIe reference clocks in a single chip. The 8V49N231 low jitter VCO
easily meets PCI Express Gen 1, 2 and 3 requirements.
Excellent phase noise performance is maintained with IDT’s Fourth
Generation FemtoClock® NG technology.

Features
• Fourth Generation FemtoClock® NG PLL technology
• Eleven outputs to support 133.33MHz/66.66MHz, 100MHz,
125MHz for core/DDR3, USB, SGMII/XAUI and PCIe reference
clocks
• Two 1.8V LVCMOS clock outputs for core/DDR3 at 133.33MHz or
66.66MHz
• One LVDS clock output for USB at 100MHz
• Three LVDS clock outputs for SGMII/XAUI at 125MHz
• Five HCSL clock outputs for PCIe at 100MHz
• Crystal oscillator interface designed for 25MHz, parallel
resonant crystal
• PCI Express Gen 1 (2.5Gb/s), Gen 2 (5Gb/s) and Gen 3 (8Gb/s)
jitter compliant
• Power supply modes:
Core / Output
3.3V / 3.3V (HCSL, LVDS outputs)
3.3V / 1.8V (LVCMOS outputs only)
• Lead-free (RoHS 6) packaging
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8V49N231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V49N231 IDT-8V49N231 Datasheet
677Kb / 31P
Clock Generator for Broadcom Processor
8V49N231NLGI IDT-8V49N231NLGI Datasheet
677Kb / 31P
Clock Generator for Broadcom Processor
8V49N231NLGI8 IDT-8V49N231NLGI8 Datasheet
677Kb / 31P
Clock Generator for Broadcom Processor
More results


Similar Description - 8V49N231

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2190F ROHM-BU2190F Datasheet
46Kb / 4P
Clock generator for PD
BU2192F ROHM-BU2192F Datasheet
42Kb / 4P
Clock generator for personal
logo
Cypress Semiconductor
SG556 CYPRESS-SG556 Datasheet
62Kb / 10P
Mobile PentiumR Processor Application Clock Generator
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
Clock generator for DVD
logo
Integrated Circuit Syst...
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
logo
Hitachi Semiconductor
HD151TS301RP HITACHI-HD151TS301RP Datasheet
60Kb / 8P
Clock Generator for Printer
logo
Cypress Semiconductor
CY26187-2 CYPRESS-CY26187-2 Datasheet
184Kb / 6P
Broadcom Reference Design Clock Generator
logo
Integrated Device Techn...
8V49N211 IDT-8V49N211 Datasheet
614Kb / 33P
Clock Generator for Broadcom Processor
8V49N231 IDT-8V49N231 Datasheet
677Kb / 31P
Clock Generator for Broadcom Processor
logo
Renesas Technology Corp
8V49N211 RENESAS-8V49N211 Datasheet
1Mb / 34P
Clock Generator for Broadcom Processor
05/29/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com