Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE402L Datasheet (PDF) - List of Unclassifed Manufacturers

VRE402L Datasheet PDF - List of Unclassifed Manufacturers
Part # VRE402L
Download  VRE402L Download
File Size   1029.22 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Precision Dual Reference

VRE402L Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE402L Datasheet PDF - List of Unclassifed Manufacturers

Part # VRE402L
Download  VRE402L Click to download

File Size   1029.22 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Precision Dual Reference

VRE402L Datasheet (HTML) - List of Unclassifed Manufacturers


VRE402L Product details

[THALER CORPORATION]



DESCRIPTION

The VRE402 is a low cost, high precision, ±2.5V reference. Packaged in 14 pin DIP or SMT packages, the device is ideal for new designs that need a high performance reference.



FEATURES

•±2.500 V OUTPUT ± 0.250 mV (.01%)

•TEMPERATURE DRIFT: 0.6 ppm/°C

•LOW NOISE: 1.5µVpp (0.1-10Hz)

•TRACKING ERROR: 0.2 mV max.

•EXCELLENT LINE REGULATION: 6ppm/V Typ.

•SURFACE MOUNT AND DIP PACKAGES




Similar Part No. - VRE402L

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE405AD CIRRUS-VRE405AD Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE405AS CIRRUS-VRE405AS Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE405BD CIRRUS-VRE405BD Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE405BS CIRRUS-VRE405BS Datasheet
699Kb / 5P
Precision Dual Voltage Reference
More results


Similar Description - VRE402L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Cirrus Logic
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE410 CIRRUS-VRE410 Datasheet
676Kb / 5P
Precision Dual Voltage Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com