Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL3416SHN Datasheet (PDF) - NXP Semiconductors

ASL3416SHN Datasheet PDF - NXP Semiconductors
Part # ASL3416SHN
Download  ASL3416SHN Download
File Size   1300.12 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Enhanced three channel LED buck driver

ASL3416SHN Datasheet (PDF)

Go To PDF Page Download Datasheet
ASL3416SHN Datasheet PDF - NXP Semiconductors

Part # ASL3416SHN
Download  ASL3416SHN Click to download

File Size   1300.12 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Enhanced three channel LED buck driver

ASL3416SHN Datasheet (HTML) - NXP Semiconductors


ASL3416SHN Product details

General description
The ASL3416SHN has a hysteretic buck DC-to-DC topology. With input voltages from
10 V to 80 V, it allows maximum flexibility on output voltages for each channel, enabling
applications with up to 20 LEDs. It also provides an output current of up to and above
1.5 A per channel.1 Furthermore, two output channels can be connected together to
provide an even higher current. It drives an external high-side N channel MOSFET from
an internally regulated adjustable supply. The ASL3416SHN buck driver gives a flexible
system design which can be used to drive three LED strings with the same architecture.
The ASL3416SHN provides an SPI interface for extensive control and diagnostic
communication with an external microcontroller.
The ASL3416SHN offers an adjustable hysteresis for optimizing external components as
well as minimizing LED current ripple.
In addition, the ASL3416SHN provides an output voltage of up to 70 V. It has a
measurement capability that can be used to identify LED open or short circuit conditions.
The microcontroller can read this voltage and use it to detect open or short circuit
conditions. There are also additional diagnostic features such as current reached status.
Additional features include input under-voltage lockout and thermal shutdown when the
junction temperature of the ASL3416SHN exceeds +175 C.
It is housed in a very small HVQFN32 pin package with an exposed thermal pad and is
designed to meet the stringent requirements of automotive applications. It is fully AEC
Q100 grade 1 qualified. It operates over the ambient automotive temperature range of
40 C to +125 C.

Features and benefits
 The ASL3416SHN is an automotive grade product that is AEC-Q100 grade 1 qualified.
 Operating ambient temperature range of 40 C to +125 C
 Wide operating input voltage range from +10 V to +80 V
 Able to drive up to 20 LEDs, wide operating LED voltage range regulated from 2.5 V to
70 V
 Output current of up to and above 1.5 A with high LED current accuracy of 5 % over
the complete operating temperature range
 Output current programmable via SPI interface
 Read back programmed current via SPI
 Two output current ranges, programmable via SPI interface with 5 % accuracy
 Hysteretic converter
 Fast gate drive for high efficiency
 Programmable internal gate driver voltage regulator
 Support logic level and standard level FETs
 Integrated bootstrap diode
 PWM inputs for individual dimming of each channel
 Low Electro Magnetic Emission (EME) and high Electro Magnetic Immunity (EMI)
 Input voltage monitoring and input undervoltage protection
 Output voltage monitoring
 Control signal to enable the device
 Junction temperature monitoring via SPI
 Small package outline HVQFN32
 Low quiescent current < 5A at 25 C when EN = 0
 Short-circuit and open-circuit output protection

Applications
 Automotive LED lighting
 Daytime running lights
 Position or park light
 Low beam
 High beam
 Turn indicator
 Fog light
 Cornering light
 Advanced front lighting




Similar Part No. - ASL3416SHN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ASL3417SHN NXP-ASL3417SHN Datasheet
1Mb / 43P
Enhanced three channel LED buck driver with limp-home
Rev. 4 - 16 September 2019
ASL3417SHNY NXP-ASL3417SHNY Datasheet
1Mb / 43P
Enhanced three channel LED buck driver with limp-home
Rev. 4 - 16 September 2019
More results


Similar Description - ASL3416SHN

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
392Kb / 14P
Three-Channel Constant-Current LED Driver
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
logo
NXP Semiconductors
UBA3077HN NXP-UBA3077HN Datasheet
205Kb / 25P
Three-channel switched-mode LED driver
Rev. 1-8 February 2011
logo
Marktech Corporate
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
291Kb / 13P
Three-Channel Constant-Current LED Driver
TCA62723FMG MARKTECH-TCA62723FMG_15 Datasheet
291Kb / 13P
Three-Channel Constant-Current LED Driver
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
Three-Channel-Two-Channel Boost LED Driver
logo
Texas Instruments
LP5521 TI1-LP5521 Datasheet
1Mb / 48P
LP5521 Programmable Three-Channel LED Driver
logo
NXP Semiconductors
ASL2416SHN NXP-ASL2416SHN Datasheet
1Mb / 37P
Enhanced two channel LED buck driver
Rev. 6 - 16 September 2019
ASL2417SHN NXP-ASL2417SHN Datasheet
1Mb / 43P
Enhanced two channel LED buck driver with limp-home
Rev. 4 - 16 September 2019
ASL3417SHN NXP-ASL3417SHN Datasheet
1Mb / 43P
Enhanced three channel LED buck driver with limp-home
Rev. 4 - 16 September 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com