Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7202U Datasheet (PDF) - NXP Semiconductors

BTS7202U Datasheet PDF - NXP Semiconductors
Part # BTS7202U
Download  BTS7202U Download
File Size   494.68 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.3 GHz – 4.2 GHz RX Front-End Module

BTS7202U Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS7202U Datasheet PDF - NXP Semiconductors

Part # BTS7202U
Download  BTS7202U Click to download

File Size   494.68 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.3 GHz – 4.2 GHz RX Front-End Module

BTS7202U Datasheet (HTML) - NXP Semiconductors


BTS7202U Product details

General description
The BTS7202U is a dual channel Receiver Front-End Module (RX FEM) available
in an HVQFN40 package. The BTS7202U is designed for 5G mMIMO Infrastructure
applications. The BTS7202U includes two independent receive channels each with a low
noise amplifier (LNA). The gain can be set to two different gain levels. Each channel also
has a switch to route high-power TX signals to a termination load.
The device is matched to 50 Ω.

Features and benefits
• Operating frequency range 3.3 GHz – 4.2 GHz
• Two independently operating channels
• 500 mW power dissipation per channel
• High gain RX mode power gain 36.5 dB
• Low gain RX mode power gain 19 dB
• Typical Noise Figure 0.95 dB
• High TX power handling 44.5 dBm (10.5 dB PAPR)
• Single-ended input /output RF ports matched to 50 Ω
• Fast switching time between operation modes
• ESD protection on all pins
• HVQFN40 package 6 mm x 6 mm x 0.85 mm with 40 pins

Applications
• 5G mMIMO
• Wireless Infrastructure




Similar Part No. - BTS7202U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
BTS7202HJ NXP-BTS7202HJ Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
More results


Similar Description - BTS7202U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4500F TOSHIBA-TA4500F Datasheet
335Kb / 12P
1.9 GHz Band RX Front-End IC
logo
SiGe Semiconductor, Inc...
SE7351L SIGE-SE7351L Datasheet
57Kb / 2P
3.3-3.8 GHz Front-End Transceiver
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
logo
NXP Semiconductors
BTS7203H NXP-BTS7203H Datasheet
343Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC
Rev. 7.1-12 October 2021
BTS7203U NXP-BTS7203U Datasheet
343Kb / 22P
3.3 GHz - 4.2 GHz RX Analog Front-End IC
Rev. 6.1-29 October 2021
BTS7205H NXP-BTS7205H Datasheet
348Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC with bypass
Rev. 9-12 October 2021
BTS7205U NXP-BTS7205U Datasheet
334Kb / 20P
3.3 GHz - 4.2 GHz RX Analog Front-End IC with bypass
Rev. 6-26 October 2021
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com