Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89V51RC2FN Datasheet (PDF) - NXP Semiconductors

P89V51RC2FN Datasheet PDF - NXP Semiconductors
Part # P89V51RC2FN
Download  P89V51RC2FN Download
File Size   1533.95 Kbytes
Page   80 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM

P89V51RC2FN Datasheet (PDF)

Go To PDF Page Download Datasheet
P89V51RC2FN Datasheet PDF - NXP Semiconductors

Part # P89V51RC2FN
Download  P89V51RC2FN Click to download

File Size   1533.95 Kbytes
Page   80 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM

P89V51RC2FN Datasheet (HTML) - NXP Semiconductors


P89V51RC2FN Product details

General description
The P89V51RB2/RC2/RD2 are 80C51 microcontrollers with 16/32/64 kB flash and
1024 B of data RAM.
A key feature of the P89V51RB2/RC2/RD2 is its X2 mode option. The design engineer
can choose to run the application with the conventional 80C51 clock rate (12 clocks per
machine cycle) or select the X2 mode (six clocks per machine cycle) to achieve twice the
throughput at the same clock frequency. Another way to benefit from this feature is to keep
the same performance by reducing the clock frequency by half, thus dramatically reducing
the EMI.
The flash program memory supports both parallel programming and in serial ISP. Parallel
programming mode offers gang-programming at high speed, reducing programming costs
and time to market. ISP allows a device to be reprogrammed in the end product under
software control. The capability to field/update the application firmware makes a wide
range of applications possible.
The P89V51RB2/RC2/RD2 is also capable of IAP, allowing the flash program memory to
be reconfigured even while the application is running.

Features
- 80C51 CPU
- 5 V operating voltage from 0 MHz to 40 MHz
- 16/32/64 kB of on-chip flash user code memory with ISP and IAP
- Supports 12-clock (default) or 6-clock mode selection via software or ISP
- SPI and enhanced UART
- PCA with PWM and capture/compare functions
- Four 8-bit I/O ports with three high-current port 1 pins (16 mA each)
- Three 16-bit timers/counters
- Programmable watchdog timer
- Eight interrupt sources with four priority levels
- Second DPTR register
- Low EMI mode (ALE inhibit)
- TTL- and CMOS-compatible logic levels
- Brownout detection
- Low power modes
- Power-down mode with external interrupt wake-up
- Idle mode
- DIP40, PLCC44 and TQFP44 packages




Similar Part No. - P89V51RC2FN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V51RC2FN NXP-P89V51RC2FN Datasheet
1Mb / 80P
8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
More results


Similar Description - P89V51RC2FN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com