Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85053ATKJ Datasheet (PDF) - NXP Semiconductors

PCF85053ATKJ Datasheet PDF - NXP Semiconductors
Part # PCF85053ATKJ
Download  PCF85053ATKJ Download
File Size   662.96 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function

PCF85053ATKJ Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF85053ATKJ Datasheet PDF - NXP Semiconductors

Part # PCF85053ATKJ
Download  PCF85053ATKJ Click to download

File Size   662.96 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function

PCF85053ATKJ Datasheet (HTML) - NXP Semiconductors


PCF85053ATKJ Product details

1 General description
The PCF85053A is a CMOS Real-Time Clock (RTC) and calendar optimized for low power consumption and automatic switching to battery on primary power loss. Featuring clock output, ALRT (interrupt) output and 128 bytes of battery backup SRAM. The PCF85053A includes two I2C buses. The primary I2C bus has the read/ write capability on RTC and SRAM registers. The second I2C bus also can read/write most registers with the control bits set by primary I2C controller. The PCF85053A offers clock output calibration-related registers such as crystal CL(capacitive load) configuration and offset register setting.

2 Features and benefits
• Supply voltage: 1.7 V to 3.6 V
• Battery supply voltage: 1.55 V to 3.6 V
• Provides year, month, day, weekday, hours, minutes and seconds based on a 32.768 kHz quartz crystal
• Device addresses
– RTC: 1101 111
– SRAM: 1010 111
• Two independent I2C with speed 400 kHz Max.
– I2C clock Timeout 35 ms max
– Primary I2C bus
– Read/write capability on RTC and SRAM registers
– Active low ALRT (interrupt) output
– Second I2C bus
– Read/write capability on RTC and SRAM registers enabled by primary I2C
• I2C bus not active during battery switchover
• Real-time clock and calendar
• Align to MC146818B Register Definition for Offset 0 to 09h
• Support both Binary Mode and BCD Mode.
• Support 24-hour and 12-hour Mode.
• Support Daylight Saving Mode.
• Interrupt Flag Support
• RTC_CLR Flag
• Alarm Flag
• RTC Fail Flag
• Oscillator Fail Flag
• Battery-backed 128 byte SRAM
• SRAM Clear to ‘0’ by RTC_CLR Pin
• Frequency adjustment via programmable offset register
• Configurable oscillator circuit for a wide variety of quartzes:
CL = 6 pF, CL = 7 pF, and CL = 12.5 pF
• Operating temperature range Tamb: -40 oC to 85 oC

3 Applications
• Server and computer precision timekeeping
• Network-powered and industrial electronics
• Products with long automated unattended operation time
• White goods




Similar Part No. - PCF85053ATKJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85053ATKJ NXP-PCF85053ATKJ Datasheet
680Kb / 48P
Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
Rev. 1.1 - 10 September 2024
More results


Similar Description - PCF85053ATKJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
I2C RTC with 56-Byte NV RAM
REV: 010307
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
DS1375 MAXIM-DS1375 Datasheet
197Kb / 13P
I2C Digital Input RTC with Alarm
Rev 2; 9/08
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
I2C RTC with 56-Byte NV RAM
REV: 100108
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
I2C RTC with 56-Byte NV RAM
Rev 3/12
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com