Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG6010CEH Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG6010CEH Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG6010CEH
Download  PMEG6010CEH Download
File Size   190.85 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 1 A very low VF Schottky barrier rectifier

PMEG6010CEH Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG6010CEH Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG6010CEH
Download  PMEG6010CEH Click to download

File Size   190.85 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 1 A very low VF Schottky barrier rectifier

PMEG6010CEH Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG6010CEH Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
a small and flat lead SOD123F Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Forward current: IF ≤ 1 A
• Reverse voltage: VR ≤ 60 V
• Very low forward voltage
• Small and flat lead SMD plastic package
• AEC-Q101 qualified

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Reverse polarity protection
• Low power consumption applications




Similar Part No. - PMEG6010CEH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG6010CEH NXP-PMEG6010CEH Datasheet
76Kb / 10P
1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG6010CEH-Q NEXPERIA-PMEG6010CEH-Q Datasheet
189Kb / 9P
60 V, 1 A very low VF Schottky barrier rectifier
21 March 2022
More results


Similar Description - PMEG6010CEH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4010EH-Q NEXPERIA-PMEG4010EH-Q Datasheet
185Kb / 8P
40 V, 1 A very low VF Schottky barrier rectifier
1 October 2022
PMEG6010CEGW-Q NEXPERIA-PMEG6010CEGW-Q Datasheet
226Kb / 10P
60 V, 1 A Low VF Schottky barrier rectifier
13 October 2022
PMEG6010CEJ-Q NEXPERIA-PMEG6010CEJ-Q Datasheet
190Kb / 8P
60 V, 1 A very low VF Schottky barrier rectifier
14 November 2022
PMEG6010ER-Q NEXPERIA-PMEG6010ER-Q Datasheet
264Kb / 13P
60 V, 1 A low VF Schottky barrier rectifier
16 November 2022
PMEG3010CEH-Q NEXPERIA-PMEG3010CEH-Q Datasheet
191Kb / 9P
30 V, 1 A very low VF Schottky barrier rectifier
15 July 2022
PMEG3010CEJ-Q NEXPERIA-PMEG3010CEJ-Q Datasheet
192Kb / 9P
30 V, 1 A very low VF Schottky barrier rectifier
15 July 2022
PMEG6010CEH-Q NEXPERIA-PMEG6010CEH-Q Datasheet
189Kb / 9P
60 V, 1 A very low VF Schottky barrier rectifier
21 March 2022
PMEG4010EJ NEXPERIA-PMEG4010EJ Datasheet
214Kb / 8P
40 V, 1 A very low VF Schottky barrier rectifier
28 November 2022
PMEG6010CEJ NEXPERIA-PMEG6010CEJ Datasheet
885Kb / 8P
60 V, 1 A very low VF Schottky barrier rectifier
1 January 2023
PMEG6010EP NEXPERIA-PMEG6010EP Datasheet
256Kb / 12P
60 V, 1 A low VF Schottky barrier rectifier
20 February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com