Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40241LDF1 Datasheet (PDF) - Microsemi Corporation

ZL40241LDF1 Datasheet PDF - Microsemi Corporation
Part # ZL40241LDF1
Download  ZL40241LDF1 Download
File Size   745.12 Kbytes
Page   23 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Ten LVCMOS Output Low Additive Jitter Fanout Buffer

ZL40241LDF1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40241LDF1 Datasheet PDF - Microsemi Corporation

Part # ZL40241LDF1
Download  ZL40241LDF1 Click to download

File Size   745.12 Kbytes
Page   23 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Ten LVCMOS Output Low Additive Jitter Fanout Buffer

ZL40241LDF1 Datasheet (HTML) - Microsemi Corporation


ZL40241LDF1 Product details

Features
• 3 to 1 input Multiplexer: Two inputs accept any differential (LVPECL, HCSL, LVDS, SSTL, CML, LVCMOS) or a single ended signal and the third input accepts a crystal or a single ended signal
• Ten 1.5V/1.8V/2.5V/3.3V LVCMOS outputs
• Supports frequencies from 0 to 200MHz
• Supports crystals from 8MHz to 60MHz
• Ultra-low additive jitter: 17fs (12kHz to 20MHz)
• Ultra-low noise floor of -170dBc/Hz
• Supports 2.5V or 3.3V power supplies
• Output to output skew of 30ps (typical)
• Input to output delay of 2ns (typical)

Applications
• General purpose clock distribution
• Low jitter clock trees
• Logic translation
• Clock and data signal restoration
• Wired and Wireless communications
• High performance microprocessor clock distribution
• Medical Imaging
• Test equipment




Similar Part No. - ZL40241LDF1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40240 MICROSEMI-ZL40240 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
ZL40240LDF1 MICROSEMI-ZL40240LDF1 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
ZL40240LDG1 MICROSEMI-ZL40240LDG1 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
More results


Similar Description - ZL40241LDF1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00105 TI1-LMK00105 Datasheet
1Mb / 15P
Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
CDCLVC1310 TI1-CDCLVC1310 Datasheet
1Mb / 28P
Ten-Output Low-Jitter Low-Power Clock Buffer
logo
Integrated Device Techn...
IDT8T53S111I IDT-IDT8T53S111I Datasheet
501Kb / 18P
Ten low skew, low additive jitter LVPECL outputs
logo
Texas Instruments
LMK00101 TI1-LMK00101_16 Datasheet
859Kb / 19P
Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Microsemi Corporation
ZL40230 MICROSEMI-ZL40230 Datasheet
2Mb / 51P
Low Skew, Low Additive Jitter 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40231 MICROSEMI-ZL40231 Datasheet
1Mb / 36P
Low Skew, Low Additive Jitter, 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40234 MICROSEMI-ZL40234 Datasheet
1Mb / 35P
Low Skew, Low Additive Jitter, 4 Output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
September 2018
ZL40235 MICROSEMI-ZL40235 Datasheet
2Mb / 50P
Low Skew, Low Additive Jitter 3 x 5 LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40240 MICROSEMI-ZL40240 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
ZL40260 MICROSEMI-ZL40260 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com