Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

810001-21 Datasheet (PDF) - Renesas Technology Corp

810001-21 Datasheet PDF - Renesas Technology Corp
Part # 810001-21
Download  810001-21 Download
File Size   457.38 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ Dual VCXO Video PLL

810001-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
810001-21 Datasheet PDF - Renesas Technology Corp

Part # 810001-21
Download  810001-21 Click to download

File Size   457.38 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ Dual VCXO Video PLL

810001-21 Datasheet (HTML) - Renesas Technology Corp


810001-21 Product details

General Description
The 810001-21 is a PLL based synchronous clock generator that is
optimized for digital video clock jitter attenuation and frequency
translation. The device contains two internal frequency multiplication
stages that are cascaded in series. The first stage is a VCXO PLL
that is optimized to provide reference clock jitter attenuation, and to
support the complex PLL multiplication ratios needed for video rate
conversion. The second stage is a FemtoClock™ frequency
multiplier that provides the low jitter, high frequency video output
clock.
Preset multiplication ratios are selected from internal lookup tables
using device input selection pins. The multiplication ratios are
optimized to support most common video rates used in professional
video system applications. The VCXO requires the use of an
external, inexpensive pullable crystal. Two crystal connections are
provided (pin selectable) so that both 60 and 59.94 base frame rates
can be supported. The VCXO requires external passive loop filter
components which are used to set the PLL loop bandwidth and
damping characteristics.

Features
• Jitter attenuation and frequency translation of video clock signals
• Supports SMPTE 292M, ITU-R Rec. 601/656 and
MPEG-transport clocks
• Support of High-Definition (HD) and Standard-Definition (SD)
pixel rates
• Dual VCXO-PLL supports both 60 and 59.94Hz base frame rates
in one device
• Supports both 1000/1001 and 1001/1000 rate conversions
• Dual PLL mode for high-frequency clock generation (36MHz to
148.5MHz)
• VCXO-PLL mode for low-frequency clock generation (27MHz and
26.973MHz)
• One LVCMOS/LVTTL clock output
• Two selectable LVCMOS/LVTTL clock inputs
• LVCMOS/LVTTL compatible control signals
• RMS phase jitter @148.3516MHz, (12kHz - 20MHz):
1.089ps (typical)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packages




Similar Part No. - 810001-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
FemtoClock Dual VCXO Video PLL
More results


Similar Description - 810001-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
ICS813001I ICST-ICS813001I Datasheet
237Kb / 18P
DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
REV. A SEPTEMBER 2, 2005
logo
Integrated Device Techn...
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
FemtoClock??Dual VCXO Video PLL
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
FemtoClock Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
FemtoClock™ Dual VCXO Video PLL
8/14/15
813001I RENESAS-813001I Datasheet
464Kb / 21P
Dual VCXO w/3.3V, 2.5V LVPECL FemtoClock™ PLL
3/17/15
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
813321-04 RENESAS-813321-04 Datasheet
426Kb / 20P
VCXO W/3.3V, 2.5V LVPECL FemtoClock™ PLL
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com