Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

840001-34 Datasheet (PDF) - Renesas Technology Corp

840001-34 Datasheet PDF - Renesas Technology Corp
Part # 840001-34
Download  840001-34 Download
File Size   333.67 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency

840001-34 Datasheet (PDF)

Go To PDF Page Download Datasheet
840001-34 Datasheet PDF - Renesas Technology Corp

Part # 840001-34
Download  840001-34 Click to download

File Size   333.67 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency

840001-34 Datasheet (HTML) - Renesas Technology Corp


840001-34 Product details

General Description
The 840001-34 is a two output LVCMOS/LVTTL Synthesizer. One
output is the LVCMOS/LVTTL main synthesized clock output (Q)
and one output is a three-state LVCMOS/LVTTL reference clock
(REF_OUT) output at the frequency of the crystal oscillator. The
device can accept crystals from 15.3125MHz to 42.67MHz and
can synthesize outputs from 81.67MHz to 213.33MHz. The
840001-34 is packaged in a 3mm x 3mm 16-pin VFQFN, making it
ideal for use on space constrained boards.

Features
• Two LVCMOS/LVTTL outputs, 22 typical output impedance
One main clock output (Q)
One three-state reference clock output (REF_OUT)
• Crystal oscillator interface can accept crystals from
15.3125MHz to 42.67MHz, 18pF parallel resonant crystal
• Q output frequency range: 81.67MHz to 213.33MHz
• RMS phase jitter @106.25, (637kHz – 10MHz): 0.38ps (typical)
• VCO range: 490MHz to 640MHz
• Full 3.3V and 2.5V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 840001-34

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840001AKI-34LF IDT-840001AKI-34LF Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840001AKI-34LFT IDT-840001AKI-34LFT Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840001BGI-25LF IDT-840001BGI-25LF Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
840001BGI-25LFT IDT-840001BGI-25LFT Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
More results


Similar Description - 840001-34

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JUNE 28, 2005
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840001I-34 RENESAS-840001I-34 Datasheet
385Kb / 16P
Femtoclocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
January 15, 2016
840002 RENESAS-840002 Datasheet
376Kb / 14P
FEMTOCLOCKS™ Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer
NOVEMBER 10, 2014
840002I RENESAS-840002I Datasheet
463Kb / 16P
FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
3/30/15
840004 RENESAS-840004 Datasheet
423Kb / 16P
FemtoClocks™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
4/1/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com