Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

842023 Datasheet (PDF) - Renesas Technology Corp

842023 Datasheet PDF - Renesas Technology Corp
Part # 842023
Download  842023 Download
File Size   440.56 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Femtoclock™ Crystal-to-HSTL Clock Generator

842023 Datasheet (PDF)

Go To PDF Page Download Datasheet
842023 Datasheet PDF - Renesas Technology Corp

Part # 842023
Download  842023 Click to download

File Size   440.56 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Femtoclock™ Crystal-to-HSTL Clock Generator

842023 Datasheet (HTML) - Renesas Technology Corp


842023 Product details

General Description
The 842023 is an Ethernet Clock Generator. For Ethernet
applications, a 25MHz crystal is used to generate 250MHz. The
842023 uses IDT 3rd generation low phase noise VCO technology
and can achieve <1ps rms phase jitter, easily meeting Ethernet jitter
requirements. The 842023 is packaged in a small 8-pin TSSOP,
making it ideal for use in systems with limited board space.

Features
• One differential HSTL output pair
• Crystal oscillator interface, 18pF parallel resonant crystal
(24.5MHz – 34MHz)
• Output frequency range: 245MHz – 340MHz
• VCO range: 490MHz – 680MHz
• RMS phase jitter at: 250MHz, using a 25MHz crystal (1.875MHz –
20MHz): 0.36ps (typical)
• Full 3.3V or 2.5V output supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packaging




Similar Part No. - 842023

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
842023 IDT-842023 Datasheet
247Kb / 15P
Femtoclock??Crystal-to-HSTL Clock Generator
842023BGLF IDT-842023BGLF Datasheet
247Kb / 15P
Femtoclock??Crystal-to-HSTL Clock Generator
842023BGLFT IDT-842023BGLFT Datasheet
247Kb / 15P
Femtoclock??Crystal-to-HSTL Clock Generator
More results


Similar Description - 842023

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS842023I ICST-ICS842023I Datasheet
152Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO- HSTL CLOCK GENERATOR
REV. B JUNE 14, 2005
ICS842031I-01 ICST-ICS842031I-01 Datasheet
152Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO- HSTL CLOCK GENERATOR
REV. A JUNE 21, 2005
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS845252I IDT-ICS845252I Datasheet
773Kb / 17P
FemtoClock??Crystal-to-CML Clock Generator
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
842023 IDT-842023 Datasheet
247Kb / 15P
Femtoclock??Crystal-to-HSTL Clock Generator
844201 IDT-844201 Datasheet
541Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844251-15 RENESAS-ICS844251-15 Datasheet
1Mb / 16P
FemtoClock™ Crystal-to-LVDS Clock Generator
2019
ICS844251I-14 RENESAS-ICS844251I-14 Datasheet
385Kb / 15P
FemtoClock™ Crystal-to-LVDS Clock Generator
2019
ICS844251I-15 RENESAS-ICS844251I-15 Datasheet
1Mb / 14P
FemtoClock™ Crystal-to-LVDS Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com