Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843002I-01 Datasheet (PDF) - Renesas Technology Corp

843002I-01 Datasheet PDF - Renesas Technology Corp
Part # 843002I-01
Download  843002I-01 Download
File Size   507.66 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks® Crystal-to3.3V, 2.5V LVPECL Frequency Synthesizer

843002I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
843002I-01 Datasheet PDF - Renesas Technology Corp

Part # 843002I-01
Download  843002I-01 Click to download

File Size   507.66 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks® Crystal-to3.3V, 2.5V LVPECL Frequency Synthesizer

843002I-01 Datasheet (HTML) - Renesas Technology Corp


843002I-01 Product details

GENERAL DESCRIPTION
The 843002I-01 is a 2 output LVPECL synthesizer optimized to
generate Ethernet reference clock frequencies. Using a 25MHz
18pF parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL[1:0]):
156.25MHz, 125MHz, and 62.5MHz. The 843002I-01 uses
IDT’s FemtoClock® low phase noise VCO technology and can
achieve 1ps or lower typical rms phase jitter, easily meeting
Ethernetjitter requirements. The 843002I-01 is packaged in a
small 20-pin TSSOP package.

FEATURES
• Two 3.3V or 2.5V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies:
156.25MHz, 125MHz and 62.5MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz-20MHz): 0.55ps (typical)
• Output skew: 30ps (maximum)
• Supply Voltage Modes
Core/Outputs
3.3/3.3
2.5/2.5
• -40°C to 85°C ambient operating temperature
• Available in lead-free RoHS-compliant package




Similar Part No. - 843002I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843002I-01 IDT-843002I-01 Datasheet
304Kb / 17P
LVPECL Frequency Synthesizer
More results


Similar Description - 843002I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A AUGUST 1, 2005
ICS843002I ICST-ICS843002I Datasheet
211Kb / 16P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I ICST-ICS843004I Datasheet
256Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005
logo
Renesas Technology Corp
843004-01 RENESAS-843004-01 Datasheet
480Kb / 18P
Femtoclocks® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
843004I-04 RENESAS-843004I-04 Datasheet
497Kb / 17P
FemtoClock® Crystal/LVCMOS-to3.3V LVPECL Frequency Synthesizer
5/27/15
ICS843004I-156 RENESAS-ICS843004I-156 Datasheet
435Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
FEBRUARY 27, 2013
ICS843004I-09 RENESAS-ICS843004I-09 Datasheet
776Kb / 19P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
2019
843004I-01 RENESAS-843004I-01 Datasheet
598Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
January 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com