Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C4067 Datasheet (PDF) - Austin Semiconductor

AS4C4067 Datasheet PDF - Austin Semiconductor
Part # AS4C4067
Download  AS4C4067 Download
File Size   3131.5 Kbytes
Page   10 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description FAST PAGE MODE

AS4C4067 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS4C4067 Datasheet PDF - Austin Semiconductor

Part # AS4C4067
Download  AS4C4067 Click to download

File Size   3131.5 Kbytes
Page   10 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description FAST PAGE MODE

AS4C4067 Datasheet (HTML) - Austin Semiconductor


AS4C4067 Product details

FEATURES
• Industry standard pinout and timing • All inputs, outputs and clocks are fully TTL compatible • Single +5V±10% power supply . • Low power, 15mW standby; 150mW active, typical Optional PAGE MODE access cycle . • Refresh modes: RAS-ONLY, CAS-BEFORE-RAS, and HIDDEN 256-cycle refresh distributed across 4ms Specifications guaranteed over full military DRAM temperature range (-55°C to +125°C) .

GENERAL DESCRIPTION
The AS4C4067 883C is a randomly accessed solid-state memory containing 262,144 bits organized in a 65,536 x 4 configuration. The 16 address bits are entered 8 bits at a time using RAS to latch the first 8 bits and CAS the latter 8 bits. If WE goes LOW after data reaches the output pins, the output pins are activated and retain the selected cell data as long as CAS and OE remain LOW (regardless of WE or RAS). This late WE pulse results in a READ-MODIFY-WRITE cycle. Data in is latched when WE strobes LOW. CAS may be toggled-in by holding RAS LOW to execute several faster READ, WRITE or READ-MODIFY-WRITE cycles within the RAS address defined page boundary. Returning RAS HIGH terminates the memory cycle and decreases chip current to a reduced standby level. Also, the chip is preconditioned for the next cycle during the RAS HIGH time. Memory cell data is retained in its correct state by maintaining power and executing a RAS (READ, WRITE, RAS-ONLY or HIDDEN REFRESH) cycle so that all 256 combinations of RAS addresses are executed at least every 4ms (regardless of sequence).




Similar Part No. - AS4C4067

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4067883C AUSTIN-AS4C4067883C Datasheet
3Mb / 10P
64K x 4 DRAM
More results


Similar Description - AS4C4067

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M44400AL MITSUBISHI-M5M44400AL Datasheet
1Mb / 20P
FAST PAGE MODE 4194304 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
MT4C4256 ETC1-MT4C4256 Datasheet
632Kb / 13P
256K X 4RAM(FAST PAGE MODE)
HY514400B ETC1-HY514400B Datasheet
100Kb / 8P
1Mx4, Fast Page mode
logo
Integrated Silicon Solu...
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
16Mb DRAM WITH FAST PAGE MODE
IS41C16257C ISSI-IS41C16257C Datasheet
361Kb / 20P
4Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
16Mb DRAM WITH FAST PAGE MODE
IS41LV44052B ISSI-IS41LV44052B Datasheet
314Kb / 17P
Fast Page Mode Access Cycle
logo
Micross Components
MT4C4001J MICROSS-MT4C4001J Datasheet
814Kb / 21P
FAST PAGE MODE access cycle
logo
Austin Semiconductor
AS4C1024 AUSTIN-AS4C1024 Datasheet
5Mb / 11P
FAST PAGE MODE
REV. 10
AS4C1259 AUSTIN-AS4C1259 Datasheet
1Mb / 10P
FAST PAGE MODE
REV. 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com