Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9450EHJ Datasheet (PDF) - Microsemi Corporation

MAX9450EHJ Datasheet PDF - Microsemi Corporation
Part # MAX9450EHJ
Download  MAX9450EHJ Download
File Size   467.57 Kbytes
Page   19 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High-Precision Clock Generators with Integrated VCXO

MAX9450EHJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9450EHJ Datasheet PDF - Microsemi Corporation

Part # MAX9450EHJ
Download  MAX9450EHJ Click to download

File Size   467.57 Kbytes
Page   19 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High-Precision Clock Generators with Integrated VCXO

MAX9450EHJ Datasheet (HTML) - Microsemi Corporation


MAX9450EHJ Product details

Features
♦ Integrated VCXO Provides a Cost-Effective
Solution for High-Precision Clocks
♦ 8kHz to 500MHz Input Frequency Range
♦ 15MHz to 160MHz Output Frequency Range
♦ I2C or SPI Programming for the Input and Output
Frequency Selection
♦ PLL Lock Range > ±60ppm
♦ Two Differential Outputs with Three Types of
Signaling: LVPECL, LVDS, or HSTL
♦ Input Clock Monitor with Hitless Switch
♦ Internal Holdover Function within ±20ppm of the
Nominal Frequency
♦ Low Output CLK Jitter: < 0.8ps RMS in the 12kHz
to 20MHz Band
♦ Low Phase Noise > -130dBc at 100kHz, > -140dBc
at 1MHz




Similar Part No. - MAX9450EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9450EHJ MAXIM-MAX9450EHJ Datasheet
306Kb / 17P
High-Precision Clock Generators with Integrated VCXO
Rev 2; 9/06
MAX9450EHJ MAXIM-MAX9450EHJ Datasheet
309Kb / 18P
High-Precision Clock Generators with Integrated VCXO
Rev 3; 11/07
More results


Similar Description - MAX9450EHJ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
Clock Generator with VCXO
logo
Maxim Integrated Produc...
MAX9450 MAXIM-MAX9450 Datasheet
306Kb / 17P
High-Precision Clock Generators with Integrated VCXO
Rev 2; 9/06
logo
National Semiconductor ...
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
Precision Clock Conditioner with Integrated PLL
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
Precision Clock Conditioner with Integrated VCO
logo
Maxim Integrated Produc...
MAX9450 MAXIM-MAX9450_07 Datasheet
309Kb / 18P
High-Precision Clock Generators with Integrated VCXO
Rev 3; 11/07
logo
Integrated Device Techn...
MK2069-03 IDT-MK2069-03 Datasheet
397Kb / 21P
VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
National Semiconductor ...
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
Precision Clock Conditioner with Integrated PLL
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
Precision Clock Conditioner with Integrated VCO
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com