Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADB0WBB Datasheet (PDF) - Bourns Electronic Solutions

ADB0WBB Datasheet PDF - Bourns Electronic Solutions
Part # ADB0WBB
Download  ADB0WBB Download
File Size   686.19 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Bourns® Mini-Breaker Thermal Cutoff Device (TCO) Model SD and AD Series

ADB0WBB Datasheet (PDF)

Go To PDF Page Download Datasheet
ADB0WBB Datasheet PDF - Bourns Electronic Solutions

Part # ADB0WBB
Download  ADB0WBB Click to download

File Size   686.19 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Bourns® Mini-Breaker Thermal Cutoff Device (TCO) Model SD and AD Series

ADB0WBB Datasheet (HTML) - Bourns Electronic Solutions


ADB0WBB Product details

FEATURES
• Resettable overtemperature and
overcurrent protection
• Can be used as a resettable
overtemperature sensor
• Trip temperature range of 55 ˚C up to 150 ˚C
• High trip temperature accuracy of just ±5 ˚C
• Highly repeatable with ratings of up to
10,000 cycles
• Surface mount (SD Series) or axial leaded/
weldable (AD Series)
• Option for either non-automatically
resettable (self-hold function)
or automatically resettable
(non self-hold function)
• Very low resistance values of just 4 mΩ max.
• Tested to AEC-Q200 equivalent
test standards
• RoHS compliant

The versatility of the new Model SD and AD Series
TCOs means the devices can be used in traditional
notebook and tablet PC, smartphone and
wearable device applications.
In addition, the Bourns® Model SD and AD series
provide extended temperature operation support
for a broad range of additional designs such as:
• Cosmetic and medical* diagnostic
equipment heaters
APPLICATIONS




Similar Part No. - ADB0WBB

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
ADB0047-C ATGBICS-ADB0047-C Datasheet
294Kb / 8P
ADB0047 Vertiv Avocent Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
More results


Similar Description - ADB0WBB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
HC72AY-1 BOURNS-HC72AY-1 Datasheet
601Kb / 5P
Breaker (Thermal Cutoff Device)
KCA77AB0 BOURNS-KCA77AB0 Datasheet
425Kb / 5P
A-Type Breaker (Thermal Cutoff Device)
NR77AB0 BOURNS-NR77AB0 Datasheet
540Kb / 5P
Breaker (Thermal Cutoff Device)
SA72SB0 BOURNS-SA72SB0 Datasheet
576Kb / 7P
Breaker (Surface Mount Thermal Cutoff Device)
AC72ABD BOURNS-AC72ABD Datasheet
673Kb / 6P
AC Series Breaker (Thermal Cutoff Device)
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
Polymeric Thermal Cutoff Device
P-TCO-U BOURNS-P-TCO-U Datasheet
634Kb / 5P
Polymeric Thermal Cutoff Device
SC72AAA BOURNS-SC72AAA Datasheet
635Kb / 8P
Breaker (Surface Mount Thermal Cutoff Device)
SA72CB0 BOURNS-SA72CB0 Datasheet
963Kb / 9P
Breaker (Surface Mount Thermal Cutoff Device)
CB72ABB BOURNS-CB72ABB Datasheet
646Kb / 6P
CB Series Breaker (Thermal Cutoff Device)
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com