Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844002I-01 Datasheet (PDF) - Renesas Technology Corp

844002I-01 Datasheet PDF - Renesas Technology Corp
Part # 844002I-01
Download  844002I-01 Download
File Size   374.71 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks Crystal-TO-LVDS Frequency Synthesizer

844002I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
844002I-01 Datasheet PDF - Renesas Technology Corp

Part # 844002I-01
Download  844002I-01 Click to download

File Size   374.71 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClocks Crystal-TO-LVDS Frequency Synthesizer

844002I-01 Datasheet (HTML) - Renesas Technology Corp


844002I-01 Product details

General Description
The 844002I-01 is a 2 output LVDS Synthesizer optimized to
generate Ethernet reference clock frequencies. Using a 25MHz,
18pF parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency
select pins (F_SEL[1:0]): 156.25MHz, 125MHz and 62.5MHz. The
844002I-01 uses IDT’s 3rd generation low phase noise VCO
technology and can achieve <1ps typical rms phase jitter, easily
meeting Ethernet jitter requirements. The 844002I-01 is packaged
in a small 20-pin TSSOP package.

Features
• Two differential LVDS outputs
• Selectable crystal oscillator interface or
single-ended LVCMOS/LVTTL input
• Supports the following output frequencies: 156.25MHz,
125MHz, 62.5MHz
• VCO range: 560MHz – 680MHz
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.41ps (typical)
• Full 2.5V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 844002I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844002I-01 IDT-844002I-01 Datasheet
186Kb / 14P
FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
More results


Similar Description - 844002I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844002I-01 ICST-ICS844002I-01 Datasheet
163Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JANUARY 5, 2006
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A MAY 31, 2005
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A FEBRUARY 1, 2006
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com