Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

873991-147 Datasheet (PDF) - Renesas Technology Corp

873991-147 Datasheet PDF - Renesas Technology Corp
Part # 873991-147
Download  873991-147 Download
File Size   530.24 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator

873991-147 Datasheet (PDF)

Go To PDF Page Download Datasheet
873991-147 Datasheet PDF - Renesas Technology Corp

Part # 873991-147
Download  873991-147 Click to download

File Size   530.24 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator

873991-147 Datasheet (HTML) - Renesas Technology Corp


873991-147 Product details

GENERAL DESCRIPTION
The 873991-147 is a low voltage, low skew, 3.3V LVPECL or ECL
Clock Generator and a member of the family of High Performance
Clock Solutions from IDT. The 873991-147 has two selectable clock
inputs. The CLK, nCLK pair can accept LVPECL, LVDS, LVHSTL,
SSTL and HCSL input levels and, the REF_CLK pin can accept a
LVCMOS or LVTTL input levels. This device has a fully integrated
PLL along with frequency confi gurable outputs. An external feedback
input and output regenerates clocks with “zero delay”.
The four independent banks of outputs each have their own output
dividers, which allow the device to generate a multitude of different bank frequency ratios and output-to-input frequency ratios.
The output frequency range is 25MHz to 480MHz and the input
frequency range is 6.25MHz to 120MHz. The PLL_EN input can
be used to bypass the PLL for test and system debug purposes.
In bypass mode, the input clock is routed around the PLL and into
the internal output dividers.
The 873991-147 also has a SYNC output which can be used for
system synchronization purposes. It monitors Bank A and Bank
C outputs for coincident rising edges and signals a pulse per the
timing diagrams in this data sheet. This feature is used primarily
in applications where Bank A and Bank C are running at different
frequencies, and is particularly useful when they are running at
non-integer multiples of each other.
Example Applications:
1. Line Card Multiplier: Multiply 19.44MHz from a back-plane
to 77.76MHz on the line card ASIC and Serdes.
2. Zero Delay Buffer: Fan out up to thirteen 100MHz copies
from a reference clock to multiple processing units on an
embedded system.

FEATURES
• Fourteen differential 3.3V LVPECL/ECL outputs
• Selectable differential or REF_CLK inputs
• CLK, nCLK can accept the following input levels:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• REF_CLK accepts the following input levels: LVCMOS, LVTTL
• Input clock frequency range: 6.25MHz to 120MHz
• Maximum output frequency: 480MHz
• VCO range: 200MHz to 960MHz
• Output skew: 250ps (maximum), outputs at the same frequency
• Cycle-to-cycle jitter: 55ps (maximum)
• LVPECL mode operating voltage supply range:
VCC = 3.135V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.465V to -3.135V
• 0°C to 50°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Use replacement part 873996AYLF




Similar Part No. - 873991-147

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
873991-147 IDT-873991-147_17 Datasheet
315Kb / 20P
Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
More results


Similar Description - 873991-147

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS873990 ICST-ICS873990 Datasheet
165Kb / 16P
LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
REV. B JUNE 13, 2005
logo
Integrated Device Techn...
ICS8S89834I IDT-ICS8S89834I Datasheet
879Kb / 17P
Low Skew, 2-to-4 LVCMOS/LVTTL-to-LVPECL/ECL Clock Multiplexer
8S89834I IDT-8S89834I Datasheet
315Kb / 18P
Low Skew, 2-to-4 LVCMOS/LVTTL-to- LVPECL/ECL Clock Multiplexer
843N001I IDT-843N001I Datasheet
315Kb / 20P
Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
873991 IDT-873991 Datasheet
270Kb / 18P
LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
873991-147 IDT-873991-147_17 Datasheet
315Kb / 20P
Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
logo
Renesas Technology Corp
873991 RENESAS-873991 Datasheet
532Kb / 19P
LOW VOLTAGE, LVCMOS/ LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
8/25/15
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com