Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

874328I-01 Datasheet (PDF) - Renesas Technology Corp

874328I-01 Datasheet PDF - Renesas Technology Corp
Part # 874328I-01
Download  874328I-01 Download
File Size   370.22 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Differential Clock Divider/Buffer

874328I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
874328I-01 Datasheet PDF - Renesas Technology Corp

Part # 874328I-01
Download  874328I-01 Click to download

File Size   370.22 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Differential Clock Divider/Buffer

874328I-01 Datasheet (HTML) - Renesas Technology Corp


874328I-01 Product details

General Description
The 874328I-01 is a high-performance differential ÷1 and ÷4 clock
divider and fanout buffer. The device is designed for the
frequency-division and signal fanout of high-frequency, low
phase-noise clock signals. The differential input signal is frequency
divided by ÷1 and ÷4. Three LVPECL and three LVDS output banks
are provided with a total of twenty differential outputs. The
874328I-01 is characterized to operate from a 2.5V power supply.
Guaranteed output-to-output and part-to-part skew characteristics
make the 874328I-01 ideal for those clock distribution applications
demanding well-defined performance and repeatability.

Features
• One differential input LVPECL reference clock
• Differential pair can accept the following differential input
levels: LVPECL, LVDS, CML, SSTL
• Integrated input termination resistors
• One bank of three LVPECL outputs (÷1 frequency-divided)
• One bank of three LVPECL outputs (÷4 frequency-divided)
• One bank of two LVPECL outputs (÷4 frequency-divided)
• Two banks of three LVDS outputs (÷4 frequency-divided)
• One bank of six LVDS outputs (÷4 frequency-divided)
• Total of twenty differential clock outputs
• Maximum input frequency: 650MHz
• Maximum output frequency: 650MHz (÷1 outputs)
• Maximum output frequency: 162.5MHz (÷4 outputs)
• LVCMOS interface levels for all control inputs
• Output skew: 70ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Full 2.5V supply voltage
• Available in lead-free (RoHS 6) package
• -40°C to 85°C ambient operating temperature




Similar Part No. - 874328I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
More results


Similar Description - 874328I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com