Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2-DC6V Datasheet (PDF) - Nais(Matsushita Electric Works)

SP2-DC6V Datasheet PDF - Nais(Matsushita Electric Works)
Part # SP2-DC6V
Download  SP2-DC6V Download
File Size   193.28 Kbytes
Page   6 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY

SP2-DC6V Datasheet (PDF)

Go To PDF Page Download Datasheet
SP2-DC6V Datasheet PDF - Nais(Matsushita Electric Works)

Part # SP2-DC6V
Download  SP2-DC6V Click to download

File Size   193.28 Kbytes
Page   6 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY

SP2-DC6V Datasheet (HTML) - Nais(Matsushita Electric Works)


SP2-DC6V Product details

FEATURES

• High Vibration/Shock Resistance

Vibration resistance: 18 G, amplitude 3 mm (10 to 55 Hz) Shock resistance: 40 G (11 ms)

• Latching types available

• High Sensitivity in Small Size 150 mW pick-up, 300 mW nominal operating power

• Wide Switching Range

From 1 mA to 15 A (2C) and 10 A (4C)




Similar Part No. - SP2-DC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SP2-DC6V PANASONIC-SP2-DC6V Datasheet
111Kb / 6P
2c 15A, 4c 10A polarized power relays
SP2-DC6V PANASONIC-SP2-DC6V Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
More results


Similar Description - SP2-DC6V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
2c 15A, 4c 10A polarized power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
Flat Relays that Switch 10A/15A Loads Power
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com