Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP85 Datasheet (PDF) - Microsemi Corporation

5KP85 Datasheet PDF - Microsemi Corporation
Part # 5KP85
Download  5KP85 Download
File Size   476.96 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5000 W TRANSIENT VOLTAGE SUPPRESSOR

5KP85 Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP85 Datasheet PDF - Microsemi Corporation

Part # 5KP85
Download  5KP85 Click to download

File Size   476.96 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5000 W TRANSIENT VOLTAGE SUPPRESSOR

5KP85 Datasheet (HTML) - Microsemi Corporation


5KP85 Product details

FEATURES
• Available in both Unidirectional and Bidirectional construction (Bidirectional with C or CA suffix)
• Available in both axial-leaded and radial packages (include R prefix in part number for radial package option shown in figure as “case 5R,” ie . R5KP5.0A, R5KP28CA, 5KP110, etc.)
• Selections for 5.0 to 110 volts standoff voltages (VWM)
• Suppresses transients up to 5000 watts @ 10/1000 μs and 34,000 watts @ 8/20 μs (see Figure 1)
• Fast response
• Options for screening in accordance with MIL-PRF-19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers.
• Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B

APPLICATIONS / BENEFITS
• Protection from switching transients and induced RF
• Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4
• Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
Class 1,2,3,4: 5KP5.0A to 5KP110A or CA
Class 5: 5KP5.0A to 5KP110A or CA (short distance)
Class 5: 5KP5.0A to 5KP36A or CA (long distance)
• Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
Class 1 & 2: 5KP5.0A to 5KP110A or CA
Class 3: 5KP5.0A to 5KP78A or CA
Class 4: 5KP5.0A to 5KP40A or CA
• Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance:
Class 2: 5KP5.0A to 5KP70A or CA
Class 3: 5KP5.0 to 5KP36A or CA
Class 4: 5KP5.0 to 5KP18A or CA




Similar Part No. - 5KP85

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP85 SURGE-5KP85 Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP85 TRSYS-5KP85 Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP85 WTE-5KP85 Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP85 RECTRON-5KP85 Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5KP85 DCCOM-5KP85 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 5KP85

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF20AT1G ONSEMI-SMF20AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor
May, 2013 ??Rev. 7
logo
SUNMATE electronic Co.,...
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
5000 Watts Axial Leaded Transient Voltage Suppressor
logo
Nexperia B.V. All right...
PTVS24VU1UPA NEXPERIA-PTVS24VU1UPA Datasheet
265Kb / 13P
300 W Transient Voltage Suppressor
PTVS22VU1UPA NEXPERIA-PTVS22VU1UPA Datasheet
262Kb / 13P
300 W Transient Voltage Suppressor
PTVS20VU1UPA NEXPERIA-PTVS20VU1UPA Datasheet
260Kb / 14P
300 W Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
5KP5.0A YFWDIODE-5KP5.0A_V01 Datasheet
864Kb / 6P
Transient voltage suppressor power 5000 watts
logo
Nexperia B.V. All right...
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXS1UR-Q_SER NEXPERIA-PTVSXS1UR-Q_SER Datasheet
220Kb / 11P
400 W Transient Voltage Suppressor
1 June 2022
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
600 W Transient Voltage Suppressor
13 June 2022
PTVSXU1UPA_SER NEXPERIA-PTVSXU1UPA_SER Datasheet
881Kb / 12P
300 W Transient Voltage Suppressor
Rev. 1 - 6 March 2014
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com