Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC-45U Datasheet (PDF) - TAITIEN ELECTRONICS CO.,LTD

HC-45U Datasheet PDF - TAITIEN ELECTRONICS CO.,LTD
Part # HC-45U
Download  HC-45U Download
File Size   200.73 Kbytes
Page   1 Pages
Manufacturer  TAITIEN [TAITIEN ELECTRONICS CO.,LTD]
Direct Link  https://www.taitien.com
Logo TAITIEN - TAITIEN ELECTRONICS CO.,LTD
Description X5((HC--45U)) Type

HC-45U Datasheet (PDF)

Go To PDF Page Download Datasheet
HC-45U Datasheet PDF - TAITIEN ELECTRONICS CO.,LTD

Part # HC-45U
Download  HC-45U Click to download

File Size   200.73 Kbytes
Page   1 Pages
Manufacturer  TAITIEN [TAITIEN ELECTRONICS CO.,LTD]
Direct Link  https://www.taitien.com
Logo TAITIEN - TAITIEN ELECTRONICS CO.,LTD
Description X5((HC--45U)) Type

HC-45U Datasheet (HTML) - TAITIEN ELECTRONICS CO.,LTD


HC-45U Product details

FEATURE
-8. 6 x 3.1 x 8 mm HC 45U Cold Weld
-Gold E lectrode , V acuum
-Fast W arm up
-High S tability , L ow T emperature F requency C oefficient
-Good Aging and R eliability

TYPICAL APPLICATION
-Precision OCXO, VCXO and TCXO oscillators




Similar Part No. - HC-45U

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
HC-45U RAKON-HC-45U Datasheet
213Kb / 1P
Crystals Referencing to UTE C 93-611 Standard
24 November 2022
More results


Similar Description - HC-45U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-113 ETC-L-113 Datasheet
178Kb / 6P
2 X5 MM RECTANGULAR SOLID LAMPS
logo
JDS Uniphase Corporatio...
21049397 JDSU-21049397 Datasheet
279Kb / 5P
X5 and Z5 Modulator
logo
Oscilent Corporation
711-L07A-U OSCILENT-711-L07A-U Datasheet
147Kb / 3P
HC-49U / HC-49T Monolithic Dip Type
logo
Maxim Integrated Produc...
90-0188 MAXIM-90-0188 Datasheet
28Kb / 1P
PACKAGE LAND PATTERN, (X5-1 / X51)
Rev B
logo
Tripp Lite. All Rights ...
SR45UBSP1 TRIPPLITE-SR45UBSP1 Datasheet
513Kb / 4P
45U SmartRack Standard-Depth Rack Enclosure
SR45UBWDSP1 TRIPPLITE-SR45UBWDSP1 Datasheet
524Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure
SRVRTBAR45 TRIPPLITE-SRVRTBAR45 Datasheet
531Kb / 2P
SmartRack 45U Vertical Cable Management Bars
logo
Bud Industries, Inc.
BRP-12208 BUD-BRP-12208 Datasheet
228Kb / 1P
45U BUDRACK PROFESSIONAL
logo
Contec Co., Ltd
BX-U200 CONTEC-BX-U200 Datasheet
474Kb / 3P
BOX-PC Fanless, Atom x5-E3940 1.6GHz
logo
AAEON Technology
UPC-PLUSX5D-A20-0232 AAEON-UPC-PLUSX5D-A20-0232 Datasheet
486Kb / 2P
UP Core Plus Developer Board with Intel® Atom™ x5-E3930/x5-E3940/x7-E3950 Processor SoC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com