Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC253D-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC253D-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC253D-Q100
Download  74HC253D-Q100 Download
File Size   257.18 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-input multiplexer; 3-state

74HC253D-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC253D-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC253D-Q100
Download  74HC253D-Q100 Click to download

File Size   257.18 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-input multiplexer; 3-state

74HC253D-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC253D-Q100 Product details

1. General description
The 74HC253-Q100; 74HCT253-Q100 is a dual 4-bit multiplexer, each with four binary inputs
(nI0 to nI3), an output enable input (nOE) and shared select inputs (S0 and S1). One of the four
binary inputs is selected by the select inputs and routed to the output nY. A HIGH on nOE causes
the outputs to assume a high-impedance OFF-state. Inputs include clamp diodes. This enables the
use of current limiting resistors to interface inputs to voltages in excess of VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Non-inverting data path
• 3-state outputs interface directly with system bus
• Common select inputs
• Separate output enable inputs
• Wide supply voltage range from 2.0 V to 6.0 V
• Input levels:
• For 74HC253-Q100: CMOS level
• For 74HCT253-Q100: TTL level
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• MIL-STD-883, method 3015 exceeds 2 kV
• HBM JESD22-A114F exceeds 2 kV
• MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
• DHVQFN package with Side-Wettable Flanks enabling Automatic Optical Inspection (AOI) of
solder joints

3. Applications
• Data selectors
• Data multiplexers




Similar Part No. - 74HC253D-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC253D-Q100 NEXPERIA-74HC253D-Q100 Datasheet
749Kb / 15P
Dual 4-input multiplexer; 3-state
More results


Similar Description - 74HC253D-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
Dual 4-input multiplexer 3-State
1991 Feb 08
74F253 PHILIPS-74F253 Datasheet
80Kb / 10P
Dual 4-bit input multiplexer 3-State
1988 Nov 29
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
Dual 4-input multiplexer 3-State
1996 Jan 05
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
Dual 4-input multiplexer; 3-state
December 1990
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74HC253 NXP-74HC253 Datasheet
164Kb / 17P
Dual 4-input multiplexer; 3-state
Rev. 03-22 April 2010
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
logo
Nexperia B.V. All right...
74HC253-Q100 NEXPERIA-74HC253-Q100 Datasheet
749Kb / 15P
Dual 4-input multiplexer; 3-state
74HC253 NEXPERIA-74HC253 Datasheet
277Kb / 16P
Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com