Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT240 Datasheet (PDF) - NXP Semiconductors

74LVT240 Datasheet PDF - NXP Semiconductors
Part # 74LVT240
Download  74LVT240 Download
File Size   91.31 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description ABT octal inverting buffer 3-State

74LVT240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT240 Datasheet PDF - NXP Semiconductors

Part # 74LVT240
Download  74LVT240 Click to download

File Size   91.31 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description ABT octal inverting buffer 3-State

74LVT240 Datasheet (HTML) - NXP Semiconductors


74LVT240 Product details

DESCRIPTION
The LVT240 is a high-performance BiCMOS product designed for VCC operation at 3.3V.
   
FEATURES
• Octal bus interface
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
    resistors to hold unused inputs
• Power-up 3-State
• Live insertion/extraction permitted
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
    and 200V per Machine Model.
   




Similar Part No. - 74LVT240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
326Kb / 10P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
74LVT240D NEXPERIA-74LVT240D Datasheet
230Kb / 12P
3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
Fairchild Semiconductor
74LVT240MSA FAIRCHILD-74LVT240MSA Datasheet
103Kb / 8P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74LVT240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
Inverting Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
logo
NXP Semiconductors
74LVT240 PHILIPS-74LVT240_15 Datasheet
95Kb / 10P
ABT octal inverting buffer (3-State)
1998 Feb 19
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
Inverting Octal 3-STATE Buffer
Revised May 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com