Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8440259D-05 Datasheet (PDF) - Renesas Technology Corp

8440259D-05 Datasheet PDF - Renesas Technology Corp
Part # 8440259D-05
Download  8440259D-05 Download
File Size   412.68 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal/LVCMOS-toLVDS/LVCMOS Frequency Synthesizer

8440259D-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
8440259D-05 Datasheet PDF - Renesas Technology Corp

Part # 8440259D-05
Download  8440259D-05 Click to download

File Size   412.68 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal/LVCMOS-toLVDS/LVCMOS Frequency Synthesizer

8440259D-05 Datasheet (HTML) - Renesas Technology Corp


8440259D-05 Product details

GENERAL DESCRIPTION
The ICS8440259D-05 is a 9 output synthesizer optimized to
generate Gigabit and 10 Gigabit Ether-net. Using a 25MHz, 18pF
parallel resonant crystal, the device will generate 125MHz and
3.90625MHz clocks with mix-ed LVDS and LVCMOS/LVTTL output
levels. The ICS8440259D-05 uses IDT’s 3rd generations low phase
noise VCO technology and can achieve <1ps typical rms phase jitter,
easily meeting Ethernet jitter requirements. The ICS8440259D-05
is packaged in a small, 32-pin VFQFN package that is optimum for
applications with space limitations.

FEATURES
• Five differential LVDS outputs at 125MHz
Three LVCMOS/LVTTL single-ended outputs at 125MHz
One LVCMOS/LVTTL single-ended output at 3.90625MHz
• Selectable crystal oscillator interface or LVCMOS/LVTTL single-ended input and PLL bypass from a single select pin
• VCO range: 510MHz - 650MHz
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.41ps (typical)
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8440259D-05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
More results


Similar Description - 8440259D-05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8440258-46 IDT-ICS8440258-46 Datasheet
700Kb / 16P
FEMTOCLOCK??CRYSTAL/LVCMOS-TOLVDS/LVCMOS FREQUENCY SYNTHESIZER
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS840N011I RENESAS-ICS840N011I Datasheet
802Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
2019
ICS840N021I-01 RENESAS-ICS840N021I-01 Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
ICS844S0258-07 RENESAS-ICS844S0258-07 Datasheet
852Kb / 22P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440259D-45 RENESAS-ICS8440259D-45 Datasheet
461Kb / 19P
FEMTOCLOCK™ CRYSTAL/LVCMOS-TOLVDS LVCMOS FREQUENCY SYNTHESIZER
FEBRUARY 26, 2009
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
840024I RENESAS-840024I Datasheet
535Kb / 18P
FemtoClock® Crystal/LVCMOS-to- LVCMOS/LVTTL Frequency Synthesizer
2019
844S2416 RENESAS-844S2416 Datasheet
522Kb / 24P
FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer
April 29, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com