Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

950905 Datasheet (PDF) - Renesas Technology Corp

950905 Datasheet PDF - Renesas Technology Corp
Part # 950905
Download  950905 Download
File Size   392.19 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control Hub™ for P4™

950905 Datasheet (PDF)

Go To PDF Page Download Datasheet
950905 Datasheet PDF - Renesas Technology Corp

Part # 950905
Download  950905 Click to download

File Size   392.19 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control Hub™ for P4™

950905 Datasheet (HTML) - Renesas Technology Corp


950905 Product details

Features/Benefits:
• Programmable output frequency.
• Programmable output divider ratios.
• Programmable output rise/fall time.
• Programmable output skew.
• Programmable spread percentage for EMI control.
• Watchdog timer technology to reset system
if system malfunctions.
• Programmable watch dog safe frequency.
• Support I2C Index read/write and block read/write
operations.
• For DDR and or PC133 SDRAM system use ICS93718
as the memory buffer.
• Uses external 14.318MHz crystal.

General Description
The ICS950905 is a single chip clock solution for desktop designs using the VIA P4X266 chipset with PC133 or DDR memory.
with PC133 or DDR memory. When used with a fanout buffer such as the ICS93712, ICS93715 or the ICS93718 provides all
the necessary clock signals for such a system.
The ICS950905 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). This part
incorporates ICS's newest clock technology which offers more robust features and functionality. Employing the use of a
serially programmable I2
C interface, this device can adjust the output clocks by configuring the frequency setting, the output
divider ratios, selecting the ideal spread percentage, the output skew, the output strength, and enabling/disabling each
individual output clock. M/N control can configure output frequency with resolution up to 0.1MHz increment.




Similar Part No. - 950905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
95090 ETC2-95090 Datasheet
230Kb / 1P
LTCC Pulse Transformer
9509060100 ETC2-9509060100 Datasheet
38Kb / 3P
Computer Cable for EIA RS-232 Applications
9509060100 ETC2-9509060100 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
95090601000 ETC2-95090601000 Datasheet
38Kb / 3P
Computer Cable for EIA RS-232 Applications
95090601000 ETC2-95090601000 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
More results


Similar Description - 950905

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
952001 RENESAS-952001 Datasheet
398Kb / 18P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS950211 RENESAS-ICS950211 Datasheet
376Kb / 22P
Programmable Timing Control Hub™ for P4™
2019
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950219 RENESAS-ICS950219 Datasheet
211Kb / 19P
Programmable Timing Control Hub™ for P4™
12/30/03
ICS950220 RENESAS-ICS950220 Datasheet
425Kb / 21P
Programmable Timing Control Hub™ for P4™
03/02/07
ICS950227 RENESAS-ICS950227 Datasheet
314Kb / 18P
Programmable Timing Control Hub™ for P4™
07/03/03
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS952011 RENESAS-ICS952011 Datasheet
357Kb / 26P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS954321 RENESAS-ICS954321 Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com