Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1112D125 Datasheet (PDF) - Renesas Technology Corp

ADC1112D125 Datasheet PDF - Renesas Technology Corp
Part # ADC1112D125
Download  ADC1112D125 Download
File Size   604.61 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 11-bit ADC; CMOS or LVDS DDR digital outputs

ADC1112D125 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1112D125 Datasheet PDF - Renesas Technology Corp

Part # ADC1112D125
Download  ADC1112D125 Click to download

File Size   604.61 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 11-bit ADC; CMOS or LVDS DDR digital outputs

ADC1112D125 Datasheet (HTML) - Renesas Technology Corp


ADC1112D125 Product details

General description
The ADC1112D125 is a dual channel 11-bit Analog-to-Digital Converter (ADC) optimized
for high dynamic performance and low power consumption. Pipelined architecture and
output error correction ensure the ADC1112D125 is accurate enough to guarantee zero
missing codes over the entire operating range. Supplied from a single 3 V source, it can
handle output logic levels from 1.8 V to 3.3 V in Complementary Metal Oxide
Semiconductor (CMOS) mode, because of a separate digital output supply. It supports the
Low Voltage Differential Signalling (LVDS) Double Data Rate (DDR) output standard. An
integrated Serial Peripheral Interface (SPI) allows the user to easily configure the ADC.
The device also includes a programmable full-scale SPI to allow a flexible input voltage
range of 1 V (p-p) to 2 V (p-p). With excellent dynamic performance from the baseband to
input frequencies of 170 MHz or more, the ADC1112D125 is ideal for use in
communications, imaging and medical applications

Features and benefits
SNR, 66.2 dBFS  Input bandwidth, 600 MHz
 SFDR, 87 dBc  Power dissipation, 1230 mW
 Sample rate up to 125 Msps  Serial Peripheral Interface (SPI)
 Clock input divided by 2 to reduce jitter
contribution
 Duty cycle stabilizer
 Single 3 V supply  Fast OuT-of-Range (OTR) detection
 Flexible input voltage range: 1 V (p-p)
to 2 V (p-p)
 Pin and software compatible with
ADC1412D series and ADC1212D
series.
 CMOS or LVDS DDR digital outputs  Offset binary, two’s complement, gray
code
 Power-down and Sleep modes  HVQFN64 package




Similar Part No. - ADC1112D125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1112D125 PHILIPS-ADC1112D125 Datasheet
577Kb / 41P
Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
Rev. 2-3 March 2011
logo
Integrated Device Techn...
ADC1112D125 IDT-ADC1112D125 Datasheet
601Kb / 39P
Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1112D125HN PHILIPS-ADC1112D125HN Datasheet
577Kb / 41P
Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
Rev. 2-3 March 2011
logo
Integrated Device Techn...
ADC1112D125HN-C1 IDT-ADC1112D125HN-C1 Datasheet
601Kb / 39P
Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
More results


Similar Description - ADC1112D125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1115S125 NXP-ADC1115S125 Datasheet
278Kb / 35P
Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1610S125 NXP-ADC1610S125 Datasheet
182Kb / 33P
Single 16-bit ADC 125 Msps CMOS or LVDS DDR digital outputs
Rev. 01-28 May 2009
ADC1112D125 PHILIPS-ADC1112D125 Datasheet
577Kb / 41P
Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
Rev. 2-3 March 2011
logo
Integrated Device Techn...
ADC1112D125 IDT-ADC1112D125 Datasheet
601Kb / 39P
Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
ADC1115S125 IDT-ADC1115S125 Datasheet
373Kb / 36P
Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Texas Instruments
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
logo
Renesas Technology Corp
ADC1115S125 RENESAS-ADC1115S125 Datasheet
376Kb / 36P
Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com