Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74930130 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

74930130 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 74930130
Download  74930130 Download
File Size   432.84 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-STST Super Tiny Signal Transformer with PoE

74930130 Datasheet (PDF)

Go To PDF Page Download Datasheet
74930130 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74930130
Download  74930130 Click to download

File Size   432.84 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-STST Super Tiny Signal Transformer with PoE

74930130 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


74930130 Product details

General Information:
It is recommended that the temperature of the component does not exceed +105°C under worst case conditions
Operating Temperature -40 up to +105 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Compliant with IEEE 802.3 standards for 10/100/1G/10G Base-T
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 74930130

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74930100 WURTH-74930100 Datasheet
446Kb / 6P
WE-STST Super Tiny Signal Transformer
001.001
74930120 WURTH-74930120 Datasheet
432Kb / 6P
WE-STST Super Tiny Signal Transformer with PoE
003.000
More results


Similar Description - 74930130

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7491199112 WURTH-7491199112 Datasheet
115Kb / 3P
POWER OVER ETHERNET-TRANSFORMER WE-PoE
749013011A WURTH-749013011A Datasheet
264Kb / 3P
LAN-Transformer WE-LAN PoE
74930000 WURTH-74930000 Datasheet
451Kb / 6P
WE-STST Super Tiny Signal Transformer 10/100/1000 Base-T
001.001
74930100 WURTH-74930100 Datasheet
446Kb / 6P
WE-STST Super Tiny Signal Transformer
001.001
749302011 WURTH-749302011 Datasheet
453Kb / 6P
WE-STST Super Tiny Signal Transformer
001.002
750314433 WURTH-750314433 Datasheet
524Kb / 7P
WE-PoE Power over Ethernet Transformer
003.001
74930030 WURTH-74930030 Datasheet
432Kb / 6P
WE-STST Super Tiny Signal Transformer with PoE
003.000
74930120 WURTH-74930120 Datasheet
432Kb / 6P
WE-STST Super Tiny Signal Transformer with PoE
003.000
749302010 WURTH-749302010 Datasheet
427Kb / 6P
WE-STST Super Tiny Signal Transformer
002.000
749013011A WURTH-749013011A_V01 Datasheet
274Kb / 3P
LAN-Transformer WE-LAN PoE
2017-05-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com