Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGV0631C Datasheet (PDF) - Renesas Technology Corp

9FGV0631C Datasheet PDF - Renesas Technology Corp
Part # 9FGV0631C
Download  9FGV0631C Download
File Size   648.02 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator

9FGV0631C Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGV0631C Datasheet PDF - Renesas Technology Corp

Part # 9FGV0631C
Download  9FGV0631C Click to download

File Size   648.02 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator

9FGV0631C Datasheet (HTML) - Renesas Technology Corp


9FGV0631C Product details

Features
• LP-HCSL outputs; save 12 resistors compared to standard
PCIe devices
• 54mW typical power consumption; reduced thermal
concerns
• Outputs can optionally be supplied from any voltage
between 1.05V and 1.8V; maximum power savings
• OE# pins; support DIF power management
• Programmable slew rate for each output; allows tuning for
various line lengths
• Programmable output amplitude; allows tuning for various
application environments
• DIF outputs blocked until PLL is locked; clean system
start-up
• Selectable 0%, -0.25% or -0.5% spread on DIF outputs;
reduces EMI
• External 25MHz crystal; supports tight ppm with 0 ppm
synthesis error
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Selectable SMBus addresses; multiple devices can easily
share an SMBus segment
• Space saving 5 x 5 mm 40-VFQFPN; minimal board space




Similar Part No. - 9FGV0631C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0631C IDT-9FGV0631C Datasheet
207Kb / 15P
Outputs can optionally be supplied from any voltage
9FGV0631CKILF IDT-9FGV0631CKILF Datasheet
207Kb / 15P
6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0631CKILFT IDT-9FGV0631CKILFT Datasheet
207Kb / 15P
6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0631CKLF IDT-9FGV0631CKLF Datasheet
207Kb / 15P
6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0631CKLFT IDT-9FGV0631CKLFT Datasheet
207Kb / 15P
6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
More results


Similar Description - 9FGV0631C

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CFGL601B PERICOM-PI6CFGL601B Datasheet
1,012Kb / 13P
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_17 Datasheet
290Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
9FGV0831 IDT-9FGV0831_17 Datasheet
266Kb / 17P
8-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com