Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LRS3165BI Datasheet (PDF) - Renesas Technology Corp

9LRS3165BI Datasheet PDF - Renesas Technology Corp
Part # 9LRS3165BI
Download  9LRS3165BI Download
File Size   619.15 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-pin Industrial Temperature Range CK505 Compatible Clock

9LRS3165BI Datasheet (PDF)

Go To PDF Page Download Datasheet
9LRS3165BI Datasheet PDF - Renesas Technology Corp

Part # 9LRS3165BI
Download  9LRS3165BI Click to download

File Size   619.15 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-pin Industrial Temperature Range CK505 Compatible Clock

9LRS3165BI Datasheet (HTML) - Renesas Technology Corp


9LRS3165BI Product details

Recommended Application:
Industrial temperature CK505 compatible clock
Output Features:
• 2 - CPU differential low power push-pull pairs
• 9 - SRC differential low power push-pull pairs
• 1 - CPU/SRC selectable differential low power push-pull
pair
• 1 - SRC/DOT selectable differential low power push-pull pair
• 5 - PCI, 33MHz
• 1 - PCI_F, 33MHz free running
• 1 - USB, 48MHz
• 1 - REF, 14.318MHz
Key Specifications:
• CPU outputs cycle-cycle jitter < 85ps
• SRC output cycle-cycle jitter < 125ps
• PCI outputs cycle-cycle jitter < 250ps
• +/- 100ppm frequency accuracy on CPU & SRC clocks
Features/Benefits:
• Does not require external pass transistor for voltage
regulator
• Integrated 33ohm series resistors on differential outputs,
Zo=50Ω
• Supports spread spectrum modulation, default is 0.5% down
spread
• Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
• Selectable between one SRC differential push-pull pair
and two single-ended outputs
• Meets PCIEX Gen2 specification on dedicated SRC
outputs. Muxed SRC outputs meet PCIEX Gen1
specification, except SRC1.
• Single-ended programmable slew rate control for RFI
reduction
• Meets PCIEX <85ps cycle-to-cycle jitter for SRC[11:1]




Similar Part No. - 9LRS3165BI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LRS3165B RENESAS-9LRS3165B Datasheet
453Kb / 29P
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
01/06/15
9LRS3165BGLF RENESAS-9LRS3165BGLF Datasheet
453Kb / 29P
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
01/06/15
9LRS3165BGLFT RENESAS-9LRS3165BGLFT Datasheet
453Kb / 29P
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
01/06/15
9LRS3165BKLF RENESAS-9LRS3165BKLF Datasheet
453Kb / 29P
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
01/06/15
9LRS3165BKLFT RENESAS-9LRS3165BKLFT Datasheet
453Kb / 29P
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
01/06/15
More results


Similar Description - 9LRS3165BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9LPR501 ICST-ICS9LPR501 Datasheet
237Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
ICS9ERS3125 IDT-ICS9ERS3125 Datasheet
284Kb / 22P
Embedded 56-pin Industrial Temperature Range CK505 Compatible Clock
ICS9ERS3165 IDT-ICS9ERS3165 Datasheet
487Kb / 27P
Embedded 64-Pin Industrial Temperature Range CK505 Compatible Clock
ICS9LPR501 IDT-ICS9LPR501_09 Datasheet
229Kb / 21P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
logo
Renesas Technology Corp
9ERS3125 RENESAS-9ERS3125 Datasheet
422Kb / 23P
Embedded 56-pin Industrial Temperature Range CK505 Compatible Clock
08/19/09
9LRS3165B RENESAS-9LRS3165B Datasheet
453Kb / 29P
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
01/06/15
ICS9ERS3165 RENESAS-ICS9ERS3165 Datasheet
627Kb / 28P
Embedded 64-Pin Industrial Temperature Range CK505 Compatible Clock
2019
ICS9LP505-1 RENESAS-ICS9LP505-1 Datasheet
346Kb / 21P
64-pin CK505 for Desktop Systems
2019
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com