Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LRS4103 Datasheet (PDF) - Renesas Technology Corp

9LRS4103 Datasheet PDF - Renesas Technology Corp
Part # 9LRS4103
Download  9LRS4103 Download
File Size   295.37 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-pin CK505 for Intel Systems

9LRS4103 Datasheet (PDF)

Go To PDF Page Download Datasheet
9LRS4103 Datasheet PDF - Renesas Technology Corp

Part # 9LRS4103
Download  9LRS4103 Click to download

File Size   295.37 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-pin CK505 for Intel Systems

9LRS4103 Datasheet (HTML) - Renesas Technology Corp


9LRS4103 Product details

Recommended Application:
CK505 clock, 32-pin for 5 series Intel chipsets
Output Features:
• 1 - CPU differential low power push-pull pairs
• 1 - SRC differential low power push-pull pairs
• 1 - Selectable 120MHz CK_SSC_Disp or 100 MHz SRC low
power push-pull pair
• 1 - SATA/SRC selectable differential low power push-pull pair
• 1 - DOT differential low power push-pull pair
• 1 - REF, 14.318MHz
Key Specifications:
• CPU outputs cycle-cycle jitter < 85ps
• SRC output cycle-cycle jitter < 125ps
• +/- 100ppm frequency accuracy on all outputs
• SRC are PCIe Gen2 compliant

Features/Benefits:
• Supports spread spectrum modulation, default is 0.5%
down spread
• Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
• Does not require external pass transistor for voltage
regulator
• Integrated 33W series resistors on differential outputs,
Zo=50W




Similar Part No. - 9LRS4103

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LRS4103 RENESAS-9LRS4103 Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
logo
Integrated Device Techn...
9LRS4103BKLF IDT-9LRS4103BKLF Datasheet
160Kb / 15P
32-pin CK505 for Intel Systems
logo
Renesas Technology Corp
9LRS4103BKLF RENESAS-9LRS4103BKLF Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
logo
Integrated Device Techn...
9LRS4103BKLFT IDT-9LRS4103BKLFT Datasheet
160Kb / 15P
32-pin CK505 for Intel Systems
logo
Renesas Technology Corp
9LRS4103BKLFT RENESAS-9LRS4103BKLFT Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
More results


Similar Description - 9LRS4103

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535 Datasheet
225Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS545 IDT-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
ICS9LRS4103 IDT-ICS9LRS4103 Datasheet
160Kb / 15P
32-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LPRS535 RENESAS-ICS9LPRS535 Datasheet
430Kb / 18P
48-pin CK505 for Intel Systems
2019
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
ICS9LRS4903 RENESAS-ICS9LRS4903 Datasheet
235Kb / 16P
32-pin CK505 for Intel Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com